Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O2HS Datasheet(PDF) 1 Page - Fox Electronics

Part # O2HS
Description  HCMOS 2.5x2.0mm SMD Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O2HS Datasheet(HTML) 1 Page - Fox Electronics

  O2HS Datasheet HTML 1Page - Fox Electronics O2HS Datasheet HTML 2Page - Fox Electronics O2HS Datasheet HTML 3Page - Fox Electronics O2HS Datasheet HTML 4Page - Fox Electronics O2HS Datasheet HTML 5Page - Fox Electronics O2HS Datasheet HTML 6Page - Fox Electronics O2HS Datasheet HTML 7Page - Fox Electronics O2HS Datasheet HTML 8Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HCMOS 2.5x2.0mm SMD Oscillator
O2HS
(former F200, F210, F230, F240 Series)
DATASHEET
7-27-2020 Updated Termination finish and MSL info
© Copyright 2020 Fox Electronics, All rights reserved
Title / Description: O2HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O2HS-DOC-1
Revision: H
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date:07/29/2020
HCMOS Output
Stabilities to ±20 PPM
Temperature Ranges as wide as -40ºC to +105ºC
Supply Voltages: 1.0V; 1.5V; 1.8V; 2.5V; 3.3V; Variable (1.7 ~ 3.63V)
Available Options by Stability & Operating Temp for 1.0V
Frequency
Stability
2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
-10 ~ +70
1.8 ~ 50.0
±100PPM
-40 ~ +85
1.8 ~ 50.0
±50PPM
-10 ~ +70
1.8 ~ 50.0
±50PPM
-40 ~ +85
1.8 ~ 50.0
±25PPM
-10 ~ +70
1.8 ~ 50.0
±25PPM3
-40 ~ +85
1.8 ~ 50.0
±20PPM3
-10 ~ +70
1.8 ~ 50.0
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25C tolerance and operating temperature range
1.0V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1.8 ~ 50.0 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
1.0V±5%
Input Current
(IDD)
1.8 ~ 32.1 MHz
>32.1 ~ 50.0 MHz
2.5 mA
3.5 mA
Standby Current
100 µA
Output Symmetry (50% VDD)
40% ~ 60%
Rise/Fall Time (20%/80% VDD Levels) (TR/TF)
5 nS
Output Voltage
(VOL)
(VOH)
20% VDD
80% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
50 µS
Output Enable Time 1
10 mS
ENABLE / DISABLE FUNCTION
1
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - O2HS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O2HA FOX-O2HA Datasheet
295Kb / 6P
2.5x2.0mm Auto Grade Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results

Similar Description - O2HS

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
logo
Fox Electronics
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
T2HD FOX-T2HD Datasheet
162Kb / 2P
2.5x2.0mm HCMOS TCXO
logo
TAI-SAW TECHNOLOGY CO.,...
TW0273A TAI-SAW-TW0273A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 60MHz Crystal Oscillator
REV. NO: 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com