Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CDG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CDG4
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CDG4 Datasheet(HTML) 3 Page - Texas Instruments

  TL072CDG4 Datasheet HTML 1Page - Texas Instruments TL072CDG4 Datasheet HTML 2Page - Texas Instruments TL072CDG4 Datasheet HTML 3Page - Texas Instruments TL072CDG4 Datasheet HTML 4Page - Texas Instruments TL072CDG4 Datasheet HTML 5Page - Texas Instruments TL072CDG4 Datasheet HTML 6Page - Texas Instruments TL072CDG4 Datasheet HTML 7Page - Texas Instruments TL072CDG4 Datasheet HTML 8Page - Texas Instruments TL072CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
• Added DYY package to TL074x in Pin Configuration and Functions section..................................................... 4
• Removed Table of Graphs from the Typical Characteistics section..................................................................33
• Deleted reference to obsolete documentation in Layout Guidelines section.................................................... 43
• Removed Related Documentation section....................................................................................................... 45
Changes from Revision M (February 2014) to Revision N (July 2017)
Page
• Updated data sheet text to latest documentation and translation standards...................................................... 1
• Added TL072M and TL074M devices to data sheet .......................................................................................... 1
• Rewrote text in Description section ................................................................................................................... 1
• Changed TL07x 8-pin PDIP package to 8-pin CDIP package in Device Information table ............................... 1
• Deleted 20-pin LCCC package from Device Information table .......................................................................... 1
• Added 2017 copyright statement to front page schematic..................................................................................1
• Deleted TL071x FK (LCCC) pinout drawing and pinout table in Pin Configurations and Functions section ..... 4
• Updated pinout diagrams and pinout tables in Pin Configurations and Functions section ................................ 4
• Deleted differential input voltage parameter from Absolute Maximum Ratings table ...................................... 10
• Deleted table notes from Absolute Maximum Ratings table ............................................................................ 10
• Added new table note to Absolute Maximum Ratings table ............................................................................ 10
• Changed minimum supply voltage value from –18 V to –0.3 V in Absolute Maximum Ratings table...............10
• Changed maximum supply voltage from 18 V to 36 V in Absolute Maximum Ratings table............................ 10
• Changed minimum input voltage value from –15 V to VCC– – 0.3 V in Absolute Maximum Ratings table....... 10
• Changed maximum input voltage from 15 V to VCC– + 36 V in Absolute Maximum Ratings table...................10
• Added input clamp current parameter to Absolute Maximum Ratings table ....................................................10
• Changed common-mode voltage maximum value from VCC+ – 4 V to VCC+ in the Recommended Operating
Conditions table................................................................................................................................................ 11
• Changed devices in Recommended Operating Conditions table from TL07xA and TL07xB to TL07xAC and
TL07xBC .......................................................................................................................................................... 11
• Added TL07xI operating free-air temperature minimum value of –40°C to Recommended Operating
Conditions table ............................................................................................................................................... 11
• Added U (CFP) package thermal values to Thermal Information: TL072x (cont.) table................................... 13
• Added W (CFP) package thermal values to Thermal Information: TL074x (cont.) table.................................. 14
• Added Figure 6-59 to Typical Characteristics section.......................................................................................33
• Added second Typical Application section application curves .........................................................................41
• Reformatted document references in Layout Guidelines section .................................................................... 43
Changes from Revision L (February 2014) to Revision M (February 2014)
Page
• Added Device Information table, Pin Configuration and Functions section, ESD Ratings table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section........................................................................................................ 1
Changes from Revision K (January 2014) to Revision L (February 2014)
Page
• Moved Tstg to Handling Ratings table .............................................................................................................. 11
Changes from Revision J (March 2005) to Revision K (January 2014)
Page
• Updated document to new TI datasheet format - no specification changes....................................................... 1
www.ti.com
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com