Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL072CDG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL072CDG4
Description  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL072CDG4 Datasheet(HTML) 4 Page - Texas Instruments

  TL072CDG4 Datasheet HTML 1Page - Texas Instruments TL072CDG4 Datasheet HTML 2Page - Texas Instruments TL072CDG4 Datasheet HTML 3Page - Texas Instruments TL072CDG4 Datasheet HTML 4Page - Texas Instruments TL072CDG4 Datasheet HTML 5Page - Texas Instruments TL072CDG4 Datasheet HTML 6Page - Texas Instruments TL072CDG4 Datasheet HTML 7Page - Texas Instruments TL072CDG4 Datasheet HTML 8Page - Texas Instruments TL072CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
5 Pin Configuration and Functions
1
OFFSET N1
8
NC
2
IN±
7
VCC+
3
IN+
6
OUT
4
VCC±
5
OFFSET N2
Not to scale
NC- no internal connection
Figure 5-1. TL071x D, P, and PS Package
8-Pin SOIC, PDIP, and SO
Top View
Table 5-1. Pin Functions: TL071x
PIN
I/O
DESCRIPTION
NAME
NO.
IN–
2
I
Inverting input
IN+
3
I
Noninverting input
NC
8
—
Do not connect
OFFSET N1
1
—
Input offset adjustment
OFFSET N2
5
—
Input offset adjustment
OUT
6
O
Output
VCC–
4
—
Power supply
VCC+
7
—
Power supply
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com