Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 7Page - Analog Devices LTC3370 Datasheet HTML 8Page - Analog Devices LTC3370 Datasheet HTML 9Page - Analog Devices LTC3370 Datasheet HTML 10Page - Analog Devices LTC3370 Datasheet HTML 11Page - Analog Devices LTC3370 Datasheet HTML 12Page - Analog Devices LTC3370 Datasheet HTML 13Page - Analog Devices LTC3370 Datasheet HTML 14Page - Analog Devices LTC3370 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTC3307A
11
Rev. A
For more information www.analog.com
OPERATION
Voltage Regulation
The LTC3307A is a 5V, 3A monolithic, constant frequency,
peak current mode control, step-down DC/DC converter.
The synchronous buck switching regulators are internally
compensated and require only external feedback resistors
to set the output voltage. An internal oscillator, with the
frequency set using a resistor on the RT pin or synchro-
nized to an external clock, turns on the internal top power
switch at the beginning of each clock cycle. Current in the
inductor ramps up until the top switch current comparator
trips and turns off the top power switch. The peak induc-
tor current at which the top switch turns off is controlled
by an internal VC voltage. The error amplifier regulates VC
by comparing the voltage on the FB pin with an internal
500mV reference. An increase in the load current causes a
reduction in the feedback voltage relative to the reference,
causing the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on and ramps down the inductor cur-
rent for the remainder of the clock cycle or, if in pulse skip
or Burst mode, until the inductor current falls to zero. If
an overload condition results in excessive current flowing
through the bottom switch, the next clock cycle will be
skipped until switch current returns to a safe level.
The enable pin has a precision 400mV threshold to pro-
vide event-based power-up sequencing by connecting the
EN pin to the output of another buck through a resistor
divider. If the EN pin is low, the device is shut down and
in a low quiescent current state. When the EN pin is above
its threshold, the switching regulator will be enabled.
The LTC3307A has forward and reverse inductor current
limiting, short-circuit protection, output over-voltage pro-
tection, and soft-start to limit inrush current during start-
up or recovery from a short-circuit.
Mode Selection
The LTC3307A operates in three different modes set by
the MODE/SYNC pin: pulse skip mode (when the MODE/
SYNC pin is set low), forced continuous mode (when the
MODE/SYNC pin is floating) and Burst Mode operation
(when the MODE/SYNC pin is set high).
In pulse skip mode, the oscillator operates continuously
and positive SW transitions are aligned to the clock.
Negative inductor current is disallowed and, during light
loads, switch pulses are skipped to regulate the output
voltage.
In forced continuous mode, the oscillator operates con-
tinuously. The top switch turns on every cycle and regu-
lation is maintained by allowing the inductor current to
reverse at light load. This mode allows the buck to run
at a fixed frequency with minimal output ripple. In forced
continuous mode, if the inductor current reaches IREVMAX
(into the SW pin), the bottom switch will turn off for the
remainder of the cycle to limit the current.
In Burst Mode operation at light loads, the output capaci-
tor is charged to a voltage slightly higher than its regu-
lation point. The regulator then goes into a sleep state,
during which time the output capacitor provides the
load current. In sleep, most of the regulator’s circuitry is
powered down, helping conserve input power. When the
output voltage drops below its programmed value, the
circuitry is powered on and another burst cycle begins.
The sleep time decreases as load current increases. In
Burst Mode operation, the regulator will burst at light
loads whereas at higher loads it will operate in constant
frequency PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com