Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3370
Description  5V, 3A Synchronous Step-Down Silent Switcher in 2mm x 2mm LQFN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3370 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3370 Datasheet HTML 17Page - Analog Devices LTC3370 Datasheet HTML 18Page - Analog Devices LTC3370 Datasheet HTML 19Page - Analog Devices LTC3370 Datasheet HTML 20Page - Analog Devices LTC3370 Datasheet HTML 21Page - Analog Devices LTC3370 Datasheet HTML 22Page - Analog Devices LTC3370 Datasheet HTML 23Page - Analog Devices LTC3370 Datasheet HTML 24Page - Analog Devices LTC3370 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3307A
21
Rev. A
For more information www.analog.com
VIN UVLO 3.0V, 2.5V, 3A, Syncing to 1MHz
3307A TA04
EN
SW
SW
VIN
VIN
PGND
VIN
402k
6.8pF
4.7µF
4.7µF
1.2 H
100k
22µF
x2
VOUT
2.5V
3A
VIN = 3.0V TO 5.5V
VFB
1.3M
200k
511k
VOUT
AGND
PGOOD
LTC3307A
10nF
VIN
1µF
0201
1µF
0201
MODE/SYNC
RT
fSYNC = 1MHz
TYPICAL APPLICATIONS
High Efficiency, 2MHz, 3A, 5V to 3.3V
3307A TA05
SW
SW
EN
PGND
511k
4.7µF
VOUT
AGND
PGOOD
LTC3307A
562k
6.8pF
4.7µF
680nH
100k
VOUT
3.3V
3A
VIN = 5V
FB
10µF
x2
10nF
VIN
VIN
VIN
1µF
0201
1µF
0201
MODE/SYNC
RT
fOSC = 2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com