Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM05 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # CFM05
Description  5 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM05 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  CFM05 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM05 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V15
1
︳
CFM05 SERIES
5 WATT OPEN FRAME
AC-DC
MODULES
Features
* Universal Input Range 85~264VAC
* Efficiency to 79%
* Meets EN55032 Class B
* Continuous Short Circuit Protection
* Low Leakage Current 0.25mA Max.
* PCB Mountable
OUTPUT
CURRENT(A)
MODEL
OUTPUT
VOLTAGE
MIN.
MAX.
RIPPLE
(mVp-p)
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE 3
LOAD
REGULATION
NOTE 4
% EFF.
(Typ.)
NOTE 5
CFM05S033
3.3V
0A
1.25A
50mV
±1%
±0.5%
±1%
69%
CFM05S050
5.0V
0A
1.0A
50mV
±1%
±0.5%
±1%
73%
CFM05S090
9.0V
0A
0.55A
90mV
±1%
±0.5%
±1%
77%
CFM05S120
12.0V
0A
0.42A
120mV
±1%
±0.5%
±1%
77%
CFM05S150
15.0V
0A
0.33A
150mV
±1%
±0.5%
±1%
78%
CFM05S180
18.0V
0A
0.28A
180mV
±1%
±0.5%
±1%
79%
CFM05S240
24.0V
0A
0.23A
240mV
±1%
±0.5%
±1%
76%
Specifications are subject to change without notice.


Similar Part No. - CFM05

ManufacturerPart #DatasheetDescription
logo
Make-Ps
CFM05M MAKE-PS-CFM05M Datasheet
391Kb / 2P
Single Output AC/DC Converter
CFM05S033-M MAKE-PS-CFM05S033-M Datasheet
391Kb / 2P
Single Output AC/DC Converter
CFM05S050-M MAKE-PS-CFM05S050-M Datasheet
391Kb / 2P
Single Output AC/DC Converter
CFM05S090-M MAKE-PS-CFM05S090-M Datasheet
391Kb / 2P
Single Output AC/DC Converter
CFM05S120-M MAKE-PS-CFM05S120-M Datasheet
391Kb / 2P
Single Output AC/DC Converter
More results

Similar Description - CFM05

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
AC05 INTRONICS-AC05 Datasheet
205Kb / 1P
5 WATT OPEN FRAME AC-DC MODULES
AC10 INTRONICS-AC10 Datasheet
425Kb / 1P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
List of Unclassifed Man...
CFM1001S ETC2-CFM1001S Datasheet
547Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
logo
CINCON ELECTRONICS Corp...
CFM10 CINCON-CFM10 Datasheet
401Kb / 2P
10/15 WATT OPEN FRAME AC-DC MODULES
CFM20 CINCON-CFM20 Datasheet
321Kb / 2P
20 WATT OPEN FRAME AC-DC MODULES
CFM40 CINCON-CFM40 Datasheet
415Kb / 3P
40/60 WATT OPEN FRAME AC-DC MODULES
CFM80S CINCON-CFM80S Datasheet
394Kb / 2P
80W WATT OPEN FRAME AC-DC MODULES
CFM81S CINCON-CFM81S Datasheet
536Kb / 5P
80 WATT OPEN FRAME AC-DC MODULES
CFM101S CINCON-CFM101S Datasheet
276Kb / 2P
100 WATT OPEN FRAME AC-DC MODULES WITH PFC
CFM260S CINCON-CFM260S Datasheet
689Kb / 5P
260 WATT OPEN FRAME AC-DC MODULES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com