Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM05 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM05
Description  5 WATT OPEN FRAME AC-DC MODULES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM05 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM05 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM05 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
Specifications
CFM05S Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 85~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current ………………….………….................... 40A max. @240Vac
Conducted EMI ……………………………………..…… CISPR/FCC Class B
Leakage Current …………………………………………….…… 0.25mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ……………………………………………… 8mS typ. @115Vac
Short Circuit Protection ………………………… Continuous (Auto Recovery)
Over Voltage Protection ……………................... TVS Component to Clamp
Temperature Coefficient ……………………............................… ±0.05%/℃
SAFETY AND EMC:
GENERAL SPECIFICATIONS:
Emission and Immunity ……………....… EN55032 Class B, EN61000-6-3
Isolation ……………………………………..……. Input to output = 4,242VDC
EN61000-3-2, EN61000-3-3, EN55024
Operating Temperature ............................ 0
~
℃
85℃ (see derating curve)
EN61204-3, EN61000-6-1
Storage Temperature ……………………………...….......……........ -20~85℃
Safety ………………………………... IEC60950-1, EN60950-1, UL60950-1
Humidity ...................................................... 93% RH max. Non condensing
NOTE:
Cooling …………………………………..……………….. Natural Convection
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Switching Frequency ………………………….................. 60KHz Typical
Ripple & Noise measuring @20MHz BW.
MTBF …..…… MIL-HDBK-217F, GB, at 25
/115VAC
℃
…… 200Khrs min.
2. Voltage accuracy is set at 100% rated load and 25℃ Ta.
Altitude ……………………..………………...………………………….. 2000m
3. Line regulation is measured from 100Vac to 240Vac with full load.
Dimensions …….…….. 2.165x1.378x0.827inches (55.00x35.00x21.00mm)
4. Load regulation is measured from 10% to 100% full load.
Weight ……………………………………………………... 35g (0.08 Pounds)
5. Typical efficiency at 230VAC and full load at 25℃.
CFM05 Series
Tolerance:Inches:X.XXX±0.02
All Dimensions are in inches(mm)
Millimeters:X.XX±0.5
VR
0.158 [4.01]
2.008 [51.01]
2.165 [55.00]
1.850 [47.00]
0.040 [1.02]
0.070 [1.78]
ACL
ACN
+Vo
-Vo
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
80
90
Ambient Temperature(oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com