Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3075 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3075
Description  High Efficiency, Synchronous Current Mode Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3075 Datasheet HTML 8Page - National Semiconductor (TI) LM3075 Datasheet HTML 9Page - National Semiconductor (TI) LM3075 Datasheet HTML 10Page - National Semiconductor (TI) LM3075 Datasheet HTML 11Page - National Semiconductor (TI) LM3075 Datasheet HTML 12Page - National Semiconductor (TI) LM3075 Datasheet HTML 13Page - National Semiconductor (TI) LM3075 Datasheet HTML 14Page - National Semiconductor (TI) LM3075 Datasheet HTML 15Page - National Semiconductor (TI) LM3075 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Operating Descriptions (Continued)
level of 2V (typical) and it enters ready mode as it does when
the IC first was powered up. The UVP stays in ready mode
until a new under-voltage event is detected.
POWER GOOD FUNCTION
A power good signal is available for indicating the general
state of the IC. The function is realized through the internal
MOSFET tied from the PGOOD pin to ground. The power
good signal is asserted by turning off the MOSFET. The on
resistance of the power good MOSFET is about 300
Ω. The
internal power good MOSFET is not turned on unless at
least one of the following occurs:
1.
There is an output over-voltage event.
2.
The output voltage is below the power good lower limit
(UVP event).
3.
System is in shutdown mode, i.e. the EN pin voltage is
below 0.6V.
As with the other protection responses, the power good
signal has built-in hysteresis. See V
PWR_GOOD in the Elec-
trical Characteristics table.
FREQUENCY SELECT
The operating frequency may be set at 200 kHz or 300 kHz
by the voltage on the frequency select (FS) pin. A voltage of
0V corresponds to a frequency of 200 kHz and a voltage of
5V corresponds to a frequency of 300 kHz. See the Electrical
Characteristics table for more information.
VLIN5, VDD and EXT
An internal 5V supply (V
LIN5) is generated from the VIN
voltage through an internal linear regulator. This 5V supply is
mainly for internal circuitry use, but can also be used exter-
nally. When used externally, it is recommended that the
V
LIN5 voltage only be used for powering the gate drivers, i.e.
supplying the bias for the top drivers’ bootstrap circuit and
the bottom drivers’ VDD pins. When the voltage applied to
the EXT pin is below 4.7V, an internal 5V low dropout regu-
lator supplies the power for the V
LIN5. If the EXT voltage is
taken above 4.7V, the 5V regulator is turned off and an
internal switch is turned on to connect the EXT pin to the
VLIN5 pin. This allows the VLIN5 power to be derived from a
high efficiency source such as the output of the switching
channel, when the channel is configured to operate in fixed
5V mode. The V
LIN5 voltage output comes from the EXT pin
whenever the voltage applied to the EXT pin is higher than
4.7V. The externally applied voltage is required to be less
than the voltage applied to the VIN pin at all times. This
prevents a voltage feedback situation from the EXT pin to
the VIN pin. When the input voltage must be guaranteed to
be within 4.5V to 5.5V, tie the VLIN5 pin directly to the VIN
pin and tie the EXT pin to ground. In this mode, the V
LIN5
current directly comes from power stage input rail and power
loss due to the internal linear regulation is no longer an
issue. Always connect the VDD pin to the VLIN5 pin through
a 4.7
Ω resistor and connect a ceramic capacitor of at least 1
µF to bypass the VDD pin to ground.
THERMAL PROTECTION
The LM3075 IC enters thermal protection mode if the die
temperature exceeds 160˚C. In this mode, the top and bot-
tom FETs are turned off immediately. The IC then behaves in
a manner as described in the Fault State section.
OUTPUT CAPACITORS FOR LINEAR REGULATORS
Like any linear regulator, the linear output that is either
generated or controlled by the LM3075 requires an output
capacitor to ensure stability. The output of VLIN5 needs a
minimum of 4.7 µF.
SWITCHING NOISE REDUCTION
Power MOSFETs are very fast switching devices. In a syn-
chronous rectifier converter, the rapid drain current rise rate
of the top FET coupled with parasitic inductance generates
unwanted Ldi/dt spike noise at the source node of the FET
(SW pin). The magnitude of the spike noise increases as the
output current increases. This parasitic spike noise may turn
into electromagnetic interference (EMI) that may cause
trouble to the system performance. Therefore, it is vital to
correct system performance to suppress this kind of noise.
As shown in Figure 3, adding a resistor in series with the
CBOOT pin scales the spikes and slow down the gate drive
(HDRV) rise time of the top FET to yield a desired drain
current transition time. Usually a 3.3
Ω to 5.1Ω resistor is
sufficient to suppress the noise. It is important to note that
the addition of these resistors does increase the power loss
in the system and thus decreases the efficiency. It is there-
fore important to choose the size of the resistor carefully; the
top FET switching losses increases with higher resistance
values.
Component Selection
OUTPUT VOLTAGE SETTING
The output voltage for each channel is set by the ratio of a
voltage divider as shown in Figure 4. The resistor values can
be determined by the following equation:
(1)
Where V
FB is the typical value of feedback pin voltage and
V
OUT is the nominal output voltage . Although increasing the
value of R
1 and R2 increases efficiency, this also decreases
accuracy. Therefore, a maximum value is recommended for
R
2 in order to keep the output within 0.3% of VOUT. This
maximum R
2 value should be calculated first with the follow-
ing equation:
20162310
FIGURE 3. Adding a resistor in series with the CBOOT
pin to suppress the turn-on switching noise
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com