Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3075 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3075
Description  High Efficiency, Synchronous Current Mode Buck Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3075 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3075 Datasheet HTML 9Page - National Semiconductor (TI) LM3075 Datasheet HTML 10Page - National Semiconductor (TI) LM3075 Datasheet HTML 11Page - National Semiconductor (TI) LM3075 Datasheet HTML 12Page - National Semiconductor (TI) LM3075 Datasheet HTML 13Page - National Semiconductor (TI) LM3075 Datasheet HTML 14Page - National Semiconductor (TI) LM3075 Datasheet HTML 15Page - National Semiconductor (TI) LM3075 Datasheet HTML 16Page - National Semiconductor (TI) LM3075 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Component Selection (Continued)
(2)
Where I
FB_MAX is the maximum current drawn by the FB pin.
Example: V
OUT =5V, VFB = 1.238V, IFB_MAX = 200 nA.
(3)
R
2 is chosen to be 60.4 k
Ω±1%. To calculate R1:
(4)
The output voltage is limited by the maximum duty cycle as
well as the minimum on time. Figure 5 shows the limits for
input and output voltages. The recommended maximum out-
put voltage is approximately 1V less than the nominal input
voltage. At 30V input, the minimum output is approximately
2.3V and the maximum is approximately 27V. For input
voltages below 5.5V, VLIN5 must be connected to VIN
through a small resistor (approximately 4.7
Ω). Doing this
ensures that VLIN5 does not fall below the UVLO threshold.
Output Capacitor Selection
In applications that exhibit large and fast load current
swings, the slew rate of such a load current transient may be
beyond the response speed of the regulator. Therefore, to
meet voltage transient requirements during worst-case load
transients, special consideration should be given to output
capacitor selection. The total combined ESR of the output
capacitors must be lower than a certain value, while the total
capacitance must be greater than a certain value. Also, in
applications where the specification of output voltage regu-
lation is tight and ripple voltage must be low, starting from the
required output voltage ripple (
∆V
OUT) often results in fewer
design iterations.
ALLOWED TRANSIENT VOLTAGE EXCURSION
The allowed output voltage excursion during a load transient
(
∆V
TRANS) is:
(5)
Where
δ% is the output voltage regulation window, e%isthe
output voltage initial accuracy V
OUT is the nominal output
voltage, and
∆V
OUT is the output voltage ripple.
Example: V
OUT =5V,
δ% = 7%, e% = 3.4%, ∆V
OUT =40mV
peak-to-peak.
(6)
Since the ripple voltage is included in the calculation of
∆V
TRANS, the inductor ripple current should not be included
in the worst-case load current excursion. That is, the worst-
case load current excursion should be simply maximum load
current change specification,
∆I
TRANS.
MAXIMUM ESR CALCULATION
Unless the rise and fall times of a load transient are slower
than the response speed of the control loop, if the total
combined ESR (R
esr) is too high, the load transient require-
ment is not met, no matter how large the capacitance. The
maximum allowed total combined ESR is:
(7)
Example:
∆V
TRANS = 160mV,
∆I
TRANS = 3A. Then Resr_max =
53.3m
Ω.
Maximum ESR criterion can be used when the associated
capacitance is high enough, otherwise more capacitors than
the number determined by this criterion should be used in
parallel.
MINIMUM CAPACITANCE CALCULATION
In a switch mode power supply, the minimum output capaci-
tance is typically dictated by the load transient requirement.
If there is not enough capacitance, the output voltage excur-
sion will exceed the maximum allowed value even if the
maximum ESR requirement is met. The worst-case load
transient is an unloading transient that happens when the
20162312
FIGURE 4. Output Voltage Setting
20162314
FIGURE 5. Available Output Voltage Range
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com