Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40D Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM40D
Description  40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40D Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM40D Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V14
2
Specifications
CFM40D/T Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
120~370Vdc
Frequency ………………………………………….……………..... 47 to 63Hz
Inrush Current …....….. Cold Start@25℃ .................. 60A max. @240Vac
Input Current ………...........................…......... 1A max. (RMS) @115Vac
Leakage Current ……………………………………………...…… 3.5mA max.
OUTPUT SPECIFICATIONS:
Rated Power for Convection Cooling ………...…. 40W (CFM40T-07, 30W)
Maximum Power with 30 CFM Forced Air ……….. 50W (CFM40T-07, 40W)
Holdup Time ……………………………………………… 20ms typ. @115Vac
Short Circuit …………………………….….… Hiccup Mode (Auto Recover)
Over Voltage Protection CFM40D/T ……………………..…... 6V on V1(5V)
1 6 V / 2 0 V/ 3 0 V o n V 2 ( 1 2 V / 1 5V / 2 4 V )
Over Voltage Protection CFM40T-07 …….. 6V on V1 (3.3V), 9V on V2 (5V)
Temperature Coefficient ……………………............................... ±0.05%/℃
GENERAL SPECIFICATIONS:
Isolation ………………………………………… Input to output = 4,242VDC
Operating Temperature ............................. 0 ~ 70℃ (see Derating Curve)
Storage Temperature …………………..………...…....……........ -20 ~ 85℃
Humidity .................................................... 93% RH max. Non-Condensing
Cooling …………………………………………………….. Natural Convection
Switching Frequency …………………………….…….……. 62.5KHz Typical
MTBF …………… MIL-HDBK-217F, GB, 25℃/115VAC …… 200Khrs min.
Altitude ……………………..……………………………….…………… 2000m
Dimensions
Open Frame Versions ………... 4.000x2.000x1.224Inches(101.60x50.80x31.10mm)
Covered Versions …. 4.606x2.480x1.575inches(117.00x63.00x40.00mm)
Weight ……………………….. Open Frame versions … 180g (0.40 Pounds)
Covered versions ……. 220g (0.49 Pounds)
SAFETY AND EMC:
Emission and Immunity …..…..….. EN55032 Class B, FCC Part 15 Class B
EN61000-6-3, EN61000-3-2, EN61000-3-3
EN55024, EN61204-3, EN61000-6-1
Safety …………………………..… IEC/EN/UL62368-1, IEC/EN/UL60950-1
NOTE:
1. Voltage accuracy is set at full load and 25℃ Ta.
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
ripple&noise measuring @20MHz BW.
3. Line regulation is measured from 100Vac to 240Vac with full load.
4. Load regulation is measured from 60% to 100% full load and from 60%
to 20% full load (60% ±40% full load)
5. Input connector mates with Molex housing 09-50-3031 and Molex
2878 series crimp terminal.
6. Output connector mates with Molex housing 09-50-3061 and Molex
2878 series crimp terminal.
7. Safety approvals do not apply to the covered versions, only to the
open-frame versions.
Open Frame versions:
CFM40D-01, 40D-02, 40T-01, 40T-02, 40T-03, 40T-04, 40T-05,
40T-06
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature (oC)
20LFM (Natural Conv ection)
CFM40T-07
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
70
Ambient Temperature (oC)
20LFM (Natural Conv ection)
Covered versions: CFM40D/T-XX-CA
CFM40D-01, 40D-02, 40T-01, 40T-02, 40T-03, 40T-04, 40T-05,
40T-06
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
Ambient Temperature (
oC)
20LFM(Natural Convection)
CFM40T-07
0%
25%
50%
75%
100%
0
10
20
30
40
50
60
Ambient Temperature (
oC)
20LFM (Natural Convection)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com