Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM40D Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM40D
Description  40W DUAL/TRIPLE OUTPUT AC-DC OPEN FRAME
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM40D Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM40D Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM40D Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V14
3
Mechanical Specification
All Dimensions in Inches[mm]
Tolerance Inches:x.xxx±0.02
Millimeters:x.xx±0.5
1
ACN
VR
PE
0.126[3.20]
3.748[95.20]
4.000[101.60]
Φ0.1
18[Φ
3.00
]
ACL
2
3
4
5
6
PE
PIN CONNECTION
Pin
Function
V2
1
V1
V1
2
3
GND
GND
V3
4
5
6
CFM40D/T Open Frame
4.606[117.00]
1
2
3
4
5
6
CN2
ACN
ACL
2
3
1
CN1
VR
BOTTOM VIEW
0.646[16.40]
3.748[95.20]
4-M3*0.5P
PIN CONNECTION
Pin
Function
ACN
1
-
ACL
2
3
PIN CONNECTION
Pin
Function
V2
1
V1
V1
2
3
GND
GND
V3
4
5
6
CN1
CFM40D/T with Cover
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com