Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2104AFVLHPR Datasheet(PDF) 18 Page - NXP Semiconductors

Part # MWCT2104AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2104AFVLHPR Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button MWCT2104AFVLHPR Datasheet HTML 14Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 15Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 16Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 17Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 18Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 19Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 20Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
5.2 General AC specifications
These general purpose specifications apply to all signals configured for GPIO, UART,
and timers.
Table 8. General switching specifications
Symbol
Description
Min.
Max.
Unit
Notes
GPIO pin interrupt pulse width (digital glitch filter
disabled) — Synchronous path
1.5
—
Bus clock
cycles
1, 2
GPIO pin interrupt pulse width (digital glitch filter
disabled, passive filter disabled) — Asynchronous path
50
—
ns
3
WFRST
RESET input filtered pulse
—
10
ns
4
WNFRST
RESET input not filtered pulse
Maximum of
(100 ns, bus
clock period)
—
ns
5
1. This is the minimum pulse width that is guaranteed to pass through the pin synchronization circuitry. Shorter pulses may or
may not be recognized. In Stop and VLPS modes, the synchronizer is bypassed so shorter pulses can be recognized in
that case.
2. The greater of synchronous and asynchronous timing must be met.
3. These pins do not have a passive filter on the inputs. This is the shortest pulse width that is guaranteed to be recognized.
4. Maximum length of RESET pulse which will be filtered by internal filter.
5. Minimum length of RESET pulse, guaranteed not to be filtered by the internal filter. This number depends on bus clock
period also. For example, in VLPR mode bus clock is 4 MHz, which make clock period of 250 ns. In this case, minimum
pulse width which will cause reset is 250 ns. For faster bus clock frequencies which have clock period less than 100 ns,
the minimum pulse width not filtered will be 100 ns.
5.3 DC electrical specifications at 3.3 V Range
NOTE
For details on the pad types defined in Table 9 and Table 10,
see Reference Manual section IO Signal Table and IO Signal
Description Input Multiplexing sheet(s) attached with
Reference Manual.
Table 9. DC electrical specifications at 3.3 V Range
Symbol
Parameter
Value
Unit
Notes
Min.
Typ.
Max.
VDD
I/O Supply Voltage
2.7
3.3
4
V
1
Vih
Input Buffer High Voltage
0.7 × VDD
—
VDD + 0.3
V
2
Vil
Input Buffer Low Voltage
VSS − 0.3
—
0.3 × VDD
V
3
Vhys
Input Buffer Hysteresis
0.06 × VDD
—
—
V
IohGPIO
I/O current source capability measured when
pad Voh = (VDD − 0.8 V)
3.5
—
—
mA
Table continues on the next page...
I/O parameters
MWCT101XS Data Sheet, Rev. 3, 12/2019
18
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com