Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2104AFVLHPR Datasheet(PDF) 25 Page - NXP Semiconductors

Part # MWCT2104AFVLHPR
Description  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MWCT2104AFVLHPR Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button MWCT2104AFVLHPR Datasheet HTML 21Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 22Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 23Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 24Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 25Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 26Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 27Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 28Page - NXP Semiconductors MWCT2104AFVLHPR Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
Table 15. External System Oscillator electrical specifications
(continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
High-gain mode (HGO=1)
—
1
—
MΩ
RS
Series resistor
Low-gain mode (HGO=0)
—
0
—
kΩ
High-gain mode (HGO=1)
—
0
—
kΩ
Vpp
Peak-to-peak amplitude of oscillation (oscillator mode)
3
Low-gain mode (HGO=0)
—
1.0
—
V
High-gain mode (HGO=1)
—
3.3
—
V
1. Crystal oscillator circuit provides stable oscillations when gmXOSC > 5 * gm_crit. The gm_crit is defined as:
gm_crit = 4 * ESR * (2πF)2 * (C0 + CL)2
where:
• gmXOSC is the transconductance of the internal oscillator circuit
• ESR is the equivalent series resistance of the external crystal
• F is the external crystal oscillation frequency
• C0 is the shunt capacitance of the external crystal
• CL is the external crystal total load capacitance. CL = Cs+ [C1*C2/(C1+C2)]
• Cs is stray or parasitic capacitance on the pin due to any PCB traces
• C1, C2 external load capacitances on EXTAL and XTAL pins
See manufacture datasheet for external crystal component values
2.
• When low-gain is selected, internal RF will be selected and external RF should not be attached.
• When high-gain is selected, external RF (1 M Ohm) needs to be connected for proper operation of the crystal. For
external resistor, up to 5% tolerance is allowed.
3. The EXTAL and XTAL pins should only be connected to required oscillator components and must not be connected to any
other devices.
6.2.2 External System Oscillator frequency specifications
Table 16. External System Oscillator frequency specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fosc_hi
Oscillator crystal or resonator frequency
4
—
40
MHz
fec_extal
Input clock frequency (external clock mode)
—
—
50
MHz
1
tdc_extal
Input clock duty cycle (external clock mode)
48
50
52
%
1
tcst
Crystal Start-up Time
8 MHz low-gain mode (HGO=0)
—
1.5
—
ms
2
8 MHz high-gain mode (HGO=1)
—
2.5
—
40 MHz low-gain mode (HGO=0)
—
2
—
40 MHz high-gain mode (HGO=1)
—
2
—
1. Frequencies below 40 MHz can be used for degraded duty cycle up to 40-60%
2. Proper PC board layout procedures must be followed to achieve specifications.
Clock interface modules
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com