Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDF Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # KDF
Description  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

KDF Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  KDF Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
VGS = - 2.5 V;
ID =- 4.4 A
VGS =- 4.5 V; ID =- 5 A
T
J - Junction Temperature (°C)
0.02
0.04
0.06
0.08
0.10
123
45
ID =- 5 A
TJ =25 °C
TJ = 125 °C
V
GS - Gate-to-Source Voltage (V)
0
0.001
0.01
0.1
1
10
6
12
18
24
30
Time (s)
Source-Drain Diode Forward Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
00.5
1.0
TJ = 25 °C
TJ = 150 °C
V
SD - Source-to-Drain Voltage (V)
0.30
0.45
0.60
0.75
0.90
- 50
- 25
0
25
50
75
100
125
150
ID = - 250 μA
T
J - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
0.1
TA =25 °C
Single Pulse
1s,10s
Limited by RDS(on)*
BVDSS Limited
1ms
100 μs
10 ms
DC
100 ms
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
KDF
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com