Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDF Datasheet(PDF) 9 Page - VBsemi Electronics Co.,Ltd

Part # KDF
Description  P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

KDF Datasheet(HTML) 9 Page - VBsemi Electronics Co.,Ltd

  KDF Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd KDF Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Disclaimer
All products due to improve reliability, function or design or for other reasons, product specifications and
data are subject to change without notice.
Taiwan VBsemi Electronics Co., Ltd., branches, agents, employees, and all persons acting on its or their
representatives (collectively, the "Taiwan VBsemi"), assumes no responsibility for any errors, inaccuracies or
incomplete data contained in the table or any other any disclosure of any information related to
the product.(www.VBsemi.
tw)
Taiwan VBsemi makes no guarantee, representation or warranty on the product for any particular purpose of
any goods or continuous production. To the maximum extent permitted by applicable law on Taiwan VBsemi
relinquished: (1) any application and all liability arising out of or use of any products; (2) any and all liability,
including but not limited to special, consequential damages or incidental ; (3) any and all implied warranties,
including a particular purpose, non-infringement and merchantability guarantee.
Statement on certain types of applications are based on knowledge of the product is often used in a typical
application of the general product VBsemi Taiwan demand that the Taiwan VBsemi of. Statement on whether the
product is suitable for a particular application is non-binding. It is the customer's responsibility to verify specific
product features in the products described in the specification is appropriate for use in a particular application.
Parameter data sheets and technical specifications can be provided may vary depending on the application and
performance over time. All operating parameters, including typical parameters must be made by customer's
technical experts validated for each customer application. Product specifications do not expand or modify Taiwan
VBsemi purchasing terms and conditions, including but not limited to warranty herein.
Unless expressly stated in writing, Taiwan VBsemi products are not intended for use in medical, life saving,
or life sustaining applications or any other application. Wherein VBsemi product failure could lead to personal
injury or death, use or sale of products used in Taiwan VBsemi such applications using client did not express their
own risk. Contact your authorized Taiwan VBsemi people who are related to product design applications and
other terms and conditions in writing.
The information provided in this document and the company's products without a license, express or implied,
by estoppel or otherwise, to any intellectual property rights granted to the VBsemi act or document. Product
names and trademarks referred to herein are trademarks of their respective representatives will be all.
Material Category Policy
Taiwan VBsemi Electronics Co., Ltd., hereby certify that all of the products are determined to be
RoHS compliant and meets the definition of restrictions under Directive of the European Parliament
2011/65 / EU, 2011 Nian. 6. 8 Ri Yue restrict the use of certain hazardous substances in electrical and
electronic equipment (EEE) - modification, unless otherwise specified as inconsistent.(www.VBsemi.
tw)
Please note that some documents may still refer to Taiwan VBsemi RoHS Directive 2002/95 / EC. We
confirm that all products identified as consistent with the Directive 2002/95 / EC European Directive
2011/65 /.
Taiwan VBsemi Electronics Co., Ltd. hereby certify that all of its products comply identified as
halogen-free halogen-free standards required by the JEDEC JS709A. Please note that some Taiwanese
VBsemi documents still refer to the definition of IEC 61249-2-21, and we are sure that all products
conform to confirm compliance with IEC 61249-2-21 standard level JS709A.
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
KDF
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com