Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS47N Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LS47N
Description  BCD to 7-Segment Decoder/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS47N Datasheet(HTML) 2 Page - ON Semiconductor

  74LS47N Datasheet HTML 1Page - ON Semiconductor 74LS47N Datasheet HTML 2Page - ON Semiconductor 74LS47N Datasheet HTML 3Page - ON Semiconductor 74LS47N Datasheet HTML 4Page - ON Semiconductor 74LS47N Datasheet HTML 5Page - ON Semiconductor 74LS47N Datasheet HTML 6Page - ON Semiconductor 74LS47N Datasheet HTML 7Page - ON Semiconductor 74LS47N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SN74LS47
http://onsemi.com
2
LOGIC SYMBOL
CONNECTION DIAGRAM DIP (TOP VIEW)
BCD Inputs
Ripple–Blanking Input
Lamp–Test Input
Blanking Input or
Ripple–Blanking Output
Outputs
A, B, C, D
RBI
LT
BI/RBO
a, to g
0.5 U.L.
0.5 U.L.
0.5 U.L.
0.5 U.L.
1.2 U.L.
Open–Collector
0.25 U.L.
0.25 U.L.
0.25 U.L.
0.75 U.L.
2.0 U.L.
15 U.L.
NOTES:
a) 1 Unit Load (U.L.) = 40
mA HIGH, 1.6 mA LOW.
b) Output current measured at VOUT = 0.5 V
b) The Output LOW drive factor is 15 U.L. for Commercial (74) Temperature Ranges.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
14
13
12
11
10
9
1234
5
6
VCC
7
16
15
8
f
g
a
b
c
d
e
BC
LT BI / RBO RBI
D
A
GND
VCC = PIN 16
GND = PIN 8
7 126 35
13 12 11 10 9 15 14 4
A B C D LT RBI
ab
c
d
e
f
g
BI/
RBO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com