Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS47N Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LS47N
Description  BCD to 7-Segment Decoder/Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS47N Datasheet(HTML) 4 Page - ON Semiconductor

  74LS47N Datasheet HTML 1Page - ON Semiconductor 74LS47N Datasheet HTML 2Page - ON Semiconductor 74LS47N Datasheet HTML 3Page - ON Semiconductor 74LS47N Datasheet HTML 4Page - ON Semiconductor 74LS47N Datasheet HTML 5Page - ON Semiconductor 74LS47N Datasheet HTML 6Page - ON Semiconductor 74LS47N Datasheet HTML 7Page - ON Semiconductor 74LS47N Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS47
http://onsemi.com
4
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Theshold Voltage
for All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Threshold Voltage
for All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VO
Output HIGH Voltage BI / RBO
24
42
V
VCC = MIN, IOH = – 50 µA,
VOH
Output HIGH Voltage, BI / RBO
2.4
4.2
V
CC
OH
µ
VIN = VIN or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 1.6 mA
VCC = MIN, VIN = VIN
VOL
g
BI / RBO
0.35
0.5
V
IOL = 3.2 mA
CC
IN
IN
or VIL per Truth Table
IO(off)
Off-State Output Current
a thru g
250
µA
VCC = MAX, VIN = VIN or VIL per Truth
Table, VO(off) = 15 V
VO( )
On-State Output Voltage
0.25
0.4
V
IO (on) = 12 mA
VCC = MAX, VIN = VIH
VO (on)
g
a thru g
0.35
0.5
V
IO (on) = 24 mA
or VIL per Truth Table
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current BI / RBO
Any Input except BI / RBO
– 1.2
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS BI / RBO
Output Short Circuit Current (Note 1)
– 0.3
–2.0
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
7.0
13
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPHL
tPLH
Propagation Delay, Address
Input to Segment Output
100
100
ns
ns
VCC = 5.0 V
tPHL
tPLH
Propagation Delay, RBI Input
To Segment Output
100
100
ns
ns
CC
CL = 15 pF
AC WAVEFORMS
VIN
VOUT
1.3 V
1.3 V
1.3 V
1.3 V
tPHL
tPLH
Figure 1.
Figure 2.
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com