Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3203 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3203 Datasheet HTML 1Page - National Semiconductor (TI) LM3203 Datasheet HTML 2Page - National Semiconductor (TI) LM3203 Datasheet HTML 3Page - National Semiconductor (TI) LM3203 Datasheet HTML 4Page - National Semiconductor (TI) LM3203 Datasheet HTML 5Page - National Semiconductor (TI) LM3203 Datasheet HTML 6Page - National Semiconductor (TI) LM3203 Datasheet HTML 7Page - National Semiconductor (TI) LM3203 Datasheet HTML 8Page - National Semiconductor (TI) LM3203 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics (Circuit in Figure 1,PV
IN =VDD = EN = 3.6V, BYP = 0V, TA =
25˚C, unless otherwise noted)
Quiescent Current vs Supply Voltage
(V
CON = 0.267V, FB = 2V, No Load)
Shutdown Current vs Temperature
(EN = 0V)
20141604
20141605
Switching Frequency Variation vs Temperature
(V
OUT = 1.5V, IOUT = 200 mA)
Output Voltage vs Supply Voltage
(V
OUT = 1.5V, VCON = 0.5V)
20141606
20141607
Output Voltage vs Temperature
(V
IN = 3.6V, VOUT = 1.5V, VCON = 0.5V)
Output Voltage vs Temperature
(V
IN = 4.2V, VOUT = 3.4V, VCON = 1.13V)
20141608
20141609
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com