Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3203 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3203
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3203 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3203 Datasheet HTML 1Page - National Semiconductor (TI) LM3203 Datasheet HTML 2Page - National Semiconductor (TI) LM3203 Datasheet HTML 3Page - National Semiconductor (TI) LM3203 Datasheet HTML 4Page - National Semiconductor (TI) LM3203 Datasheet HTML 5Page - National Semiconductor (TI) LM3203 Datasheet HTML 6Page - National Semiconductor (TI) LM3203 Datasheet HTML 7Page - National Semiconductor (TI) LM3203 Datasheet HTML 8Page - National Semiconductor (TI) LM3203 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM3203
Step-Down DC-DC Converter with Bypass Mode for
CDMA / WCDMA RF Power Amplifiers
General Description
The LM3203 is a DC-DC converter optimized for powering
RF power amplifiers (PAs) from a single Lithium-Ion cell.
However, they may be used in many other applications. It
steps down an input voltage of 2.7V to 5.5V to an adjustable
output voltage of 0.8V to 3.6V. The output voltage is set
using a V
CON analog input and external resistor dividers for
optimizing efficiency of the RF PA at various power levels.
The LM3203 offers 3 modes for mobile phones and similar
RF PA applications. Fixed-frequency PWM mode minimizes
RF interference. Bypass mode turns on an internal bypass
switch to power the PA directly from the battery. Shutdown
mode turns the device off and reduces battery consumption
to 0.1µA (typ.).
The LM3203 is available in a 10-pin lead free micro SMD
package. A high switching frequency (2MHz) allows use of
tiny surface-mount components.
Features
n
2MHz (typ.) PWM Switching Frequency
n
Operates from a single Li-Ion cell (2.7V to 5.5V)
n
Adjustable Output Voltage (0.8V to 3.6V)
n
500mA Maximum load capability (PWM and Bypass
mode)
n
PWM / Forced Bypass Mode
n
Low R
DSON Bypass FET: 85m
Ω (typ.)
n
High Efficiency (96% typ. at 3.6V
IN, 3.2VOUT at 150mA)
n
Fast Turn-on time when Enabled (50µs typ.), 3GPP
Compliant
n
10-pin micro SMD Package
n
Current Overload Protection
n
Thermal Overload Protection
Applications
n
Cellular Phones
n
Hand-Held Radios
n
RF PC Cards
n
Battery Powered RF Devices
Typical Application
20141601
July 2005
© 2005 National Semiconductor Corporation
DS201416
www.national.com


Similar Part No. - LM3203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 22P
Step-Down DC-DC Converter
LM3203TL/NOPB TI1-LM3203TL/NOPB Datasheet
3Mb / 22P
Step-Down DC-DC Converter
LM3203TLX/NOPB TI1-LM3203TLX/NOPB Datasheet
3Mb / 22P
Step-Down DC-DC Converter
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
More results

Similar Description - LM3203

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3203 TI-LM3203_15 Datasheet
3Mb / 22P
LM3203 Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3212 TI-LM3212_15 Datasheet
942Kb / 25P
LM3212 Step-Down DC-DC Converter with Analog Bypass Mode for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com