Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74LS74
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS74 Datasheet(HTML) 3 Page - ON Semiconductor

  74LS74 Datasheet HTML 1Page - ON Semiconductor 74LS74 Datasheet HTML 2Page - ON Semiconductor 74LS74 Datasheet HTML 3Page - ON Semiconductor 74LS74 Datasheet HTML 4Page - ON Semiconductor 74LS74 Datasheet HTML 5Page - ON Semiconductor 74LS74 Datasheet HTML 6Page - ON Semiconductor 74LS74 Datasheet HTML 7Page - ON Semiconductor 74LS74 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SN74LS74A
http://onsemi.com
3
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input High Current
Data, Clock
Set, Clear
20
40
µA
VCC = MAX, VIN = 2.7 V
IH
Data, Clock
Set, Clear
0.1
0.2
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Data, Clock
Set, Clear
– 0.4
– 0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1)
–20
–100
mA
VCC = MAX
ICC
Power Supply Current
8.0
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
fMAX
Maximum Clock Frequency
25
33
MHz
Figure 1
V
50 V
tPLH
Clock Clear Set to Output
13
25
ns
Figure 1
VCC = 5.0 V
CL = 15 pF
PLH
tPHL
Clock, Clear, Set to Output
25
40
ns
Figure 1
CL = 15 F
AC SETUP REQUIREMENTS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW(H)
Clock
25
ns
Figure 1
tW(L)
Clear, Set
25
ns
Figure 2
t
Data Setup Time — HIGH
20
ns
Figure 1
VCC = 5.0 V
ts
Data Setup Time — LOW
20
ns
Figure 1
th
Hold Time
5.0
ns
Figure 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com