Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS74 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74LS74
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS74 Datasheet(HTML) 4 Page - ON Semiconductor

  74LS74 Datasheet HTML 1Page - ON Semiconductor 74LS74 Datasheet HTML 2Page - ON Semiconductor 74LS74 Datasheet HTML 3Page - ON Semiconductor 74LS74 Datasheet HTML 4Page - ON Semiconductor 74LS74 Datasheet HTML 5Page - ON Semiconductor 74LS74 Datasheet HTML 6Page - ON Semiconductor 74LS74 Datasheet HTML 7Page - ON Semiconductor 74LS74 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS74A
http://onsemi.com
4
Figure 1. Clock to Output Delays, Data
Set-Up and Hold Times, Clock Pulse Width
AC WAVEFORMS
*The shaded areas indicate when the input is permitted to change for predictable output performance.
D*
CP
Q
Q
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
tPLH
tPHL
th(L)
ts(L)
tW(H)
tW(L)
ts(H)
th(H)
1
fMAX
1.3 V
Figure 2. Set and Clear to Output Delays,
Set and Clear Pulse Widths
tW
1.3 V
1.3 V
tW
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
tPLH
tPHL
tPLH
tPHL
SET
CLEAR
Q
Q



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com