Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP40 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # LDP40
Description  40 WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP40 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  LDP40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP40 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V19
1
LDP40 SERIES
40 WATT OUTPUT
LED POWER SUPPLY
Features
* 40W Single outputs
* Universal AC input range 90~305Vac
* Constant Current Design
* Active PFC > 0.9
* Low Inrush Current < 5A
* Standby Power Consumption <0.5W
* Low Profile with 25.2mm Height and Narrow 40mm Width
* Low Frequency Flicker Design
* Continuous Short Circuit Protection
* Over Temperature Protection
* IP 67 Rated
* Fully Isolated Plastic Case
* Dimming Function: DALI/PWM/1~10VDC/Potentiometer
All specifications are Typical at nominal line, full load and 25˚C unless otherwise noted
MODEL
Output
Rated
Voltage
Constant
Current
Region
Ripple and
Noise(V p-p
max.)
Output
Rated
Current
No Load
Output
Voltage
(max.)
Output
Rated
Power
%EFF.
(typ.)
LDP40S240-C170BR
24V
9-24Vdc
0.24V
86%
LDP40S240-C170B
24V
16-24Vdc
2.0V
1700mA
29Vdc
40.80W
89%
LDP40S240-C140BR
24V
9-24Vdc
0.24V
85%
LDP40S240-C140B
24V
16-24Vdc
2.0V
1400mA
29Vdc
33.60W
88%
LDP40S360-C111BR
36V
9-36Vdc
0.36V
86%
LDP40S360-C111B
36V
24-36Vdc
2.7V
1110mA
43Vdc
40.00W
89%
LDP40S360-C105BR
36V
9-36Vdc
0.36V
85%
LDP40S360-C105B
36V
24-36Vdc
2.7V
1050mA
43Vdc
37.80W
88%
LDP40S480-C084BR
48V
9-48Vdc
0.48V
88%
LDP40S480-C084B
48V
32-48Vdc
4.8V
840mA
56Vdc
40.32W
90%
LDP40S480-C070BR
48V
9-48Vdc
0.48V
86%
LDP40S480-C070B
48V
32-48Vdc
4.8V
700mA
56Vdc
33.60W
88%


Similar Part No. - LDP40

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDP4098T1G LRC-LDP4098T1G Datasheet
335Kb / 5P
Dual P-Channel MOSFET Low RDS(on) trench technology.
logo
Anova Technologies CO.,...
LDP40A ANOVA-LDP40A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP40A LUGUANG-LDP40A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
LDP40CA ANOVA-LDP40CA Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP40CA LUGUANG-LDP40CA Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP40

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS40-1 TOTAL-POWER-TPS40-1 Datasheet
102Kb / 3P
40 WATT OPEN - FRAME SWITCHING POWER SUPPLY
logo
Wall Industries,Inc.
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
40 Watt Single Output AC/DC Desktop Power Supply
logo
Artesyn Technologies
LCB150E ARTESYN-LCB150E Datasheet
481Kb / 3P
150 Watt Single Output Power Supply
LCB50D ARTESYN-LCB50D Datasheet
479Kb / 3P
50 Watt Single Output Power Supply
logo
CINCON ELECTRONICS Corp...
LDL25 CINCON-LDL25 Datasheet
503Kb / 2P
25 WATT SINGLE OUTPUT LED POWER SUPPLY
LDL40 CINCON-LDL40 Datasheet
373Kb / 2P
40 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP15 CINCON-LDP15 Datasheet
478Kb / 2P
15 WATT SINGLE OUTPUT LED POWER SUPPLY
LDP25 CINCON-LDP25 Datasheet
219Kb / 3P
25 WATT OUTPUT LED POWER SUPPLY
logo
TRACO Electronic AG
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com