Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP40 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # LDP40
Description  40 WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP40 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  LDP40 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP40 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP40 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V19
2
Order Information:
Specifications
LDP40 Series Derating Curve
INPUT SPECIFICATIONS:
AC Input Voltage …....………....................................................... 90~305Vac
Frequency ……………………………………………..……………..... 50/60Hz
Power Factor ……………… PF≧0.9 @ 115Vac/230Vac, 75%~100% Load
Inrush Current ….. <5A After 100uS @240Vac, Cold Start @25℃ Ta Cold Start
Leakage Current ……………………..……….….……..…..…… 0.75mA max.
Standby Power Consumption …..……………..……… <0.5W (No Dimming)
Input Current (Full Load) ……………. 0.45A/0.22A typ. @ 115Vac/230Vac.
OUTPUT SPECIFICATIONS:
Maximum Output Voltage …..……………………………………… See Table
Constant Current Accuracy (note1) ….….…………………..………±5% max.
Current Line Regulation (note2) ……….…………………..………. ±5% max.
Current Load Regulation (note3) …………..……….……..………. ±5% max.
Over Voltage Protection ………………………………………..… TVS Clamp
Short Circuit Protection …………………..….. Hiccup Mode, Auto Recovery
Over Temperature Protection ……………………..…..………...… 105℃ typ.
GENERAL SPECIFICATIONS:
Efficiency …………………………………….…….………………..… See Table
Temperature Coefficient …………………....………......… ±0.05%/℃(0~50℃)
Isolation Voltage, Input to Output …..….………………...…………. 3.75KVac
Isolation resistance, Input to output ………………..…………..…… 10
8Ω min.
Operating Ambient Temperature ................ -40 ~ 70℃(See Derating Curve)
Cooling …………………………………………....………. Natural Convection
Storage Temperature ……...……………...………….......…........... -40 ~ 85℃
Operating Humidity ………...……...………. 20%~95% RH Non-Condensing.
Operating Altitude ….……………………………………. Sea Level to 3000m
NOTE:
MTBF, MIL-HDBK-217F (25℃ Ta) ………………….………………. 200Khrs.
1. Current accuracy is set at nominal input voltage and full load.
MECHANICAL CHARACTERISTICS:
2. Current line regulation is measured from high line to low line with full load.
Dimensions. ……....... 6.614x1.575x0.992 Inches (168.00x40.00x25.20mm)
3. Current load regulation is measured minimum to maximum of the
Weight ………..……………………………………………………………. 350g
constant current region.
SAFETY AND EMISSIONS:
4. All specifications are typical at 230Vac, vo max., full load and 25℃
Safety …............................................. UL8750, IEC61347-1, IEC61347-2-13
unless other noted.
EMI …………………………………................ FCC Part 15/EN55015 Class B
5. The input/output wires accessibility shall be evaluated during final
EMS ……….................................... EN61547, EN61000-4-2, 3, 4, 5, 6, 8, 11
system assembly.
EN61000-3-2 Harmonic Class C, EN61000-3-3
All specifications are Typical at nominal line, full load and 25˚C unless otherwise noted
Series
Output(W)
IP Code
Output
Voltage
Dimming Function
Rated Output Current
Input Voltage
Ripple Nosie
LDP
40
X
XXX
X
XXX
B
X
240:24V
24V
170: 1700mA
140: 1400mA
360:36V
36V
111: 1110mA
105: 1050mA
S:Single O/P
with IP64
480:48V
48V
084: 840mA
070: 700mA
240:24V
24V
170: 1700mA
140: 1400mA
360:36V
36V
111: 1110mA
105: 1050mA
A:Single O/P
with IP67
480:48V
C:No dimming
D:DALI dimming
P:PWM 1-10V,
Potentiometer
48V
084: 840mA
070: 700mA
B:100-277 Vac
R:1% output
ripple and noise
or
Blank:10% output
ripple and noise



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com