Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP60 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # LDP60
Description  60WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP60 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  LDP60 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP60 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP60 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V19
1
LDP60 SERIES
60WATT OUTPUT
LED POWER SUPPLY
Features
* 60W Single / Dual outputs
* Universal AC input range 90~305Vac
* Constant Current Design
* Active PFC > 0.9
* Low inrush current < 5A
* Standby Power Consumption <0.5W
* Low Profile with 25.2mm Height and Narrow 40mm Width
* Low Frequency Flicker Design
* Continuous Short Circuit Protection
* Over Temperature Protection
* IP 67 Rated
* Fully Isolated Plastic Case
* Dimming Function: DALI/PWM/1~10VDC/Potentiometer
All specifications are Typical at nominal line, full load and 25˚C unless otherwise noted
MODEL
Output
Rated
Voltage
Constant
Current
Region
Rippleand
Noise(Vp-p
max.)
Output
Rated
Current
No Load Output
Voltage
(max.)
Output
Rated
Power
%EFF
(typ.)
LDP60A240-C250BR
24V
9-24Vdc
0.24V
85%
LDP60A240-C250B
24V
16-24Vdc
2.2V
2500mA
29Vdc
60.0W
88%
LDP60A240-C210BR
24V
9-24Vdc
0.24V
84%
LDP60A240-C210B
24V
16-24Vdc
2.2V
2100mA
29Vdc
50.4W
87%
LDP60A240-C175BR
24V
9-24Vdc
0.24V
84%
LDP60A240-C175B
24V
16-24Vdc
2.2V
1750mA
29Vdc
42.0W
86%
LDP60A360-C166BR
36V
9-36Vdc
0.36V
85%
LDP60A360-C166B
36V
24-36Vdc
2.7V
1666mA
43Vdc
60.0W
89%
LDP60A360-C140BR
36V
9-36Vdc
0.36V
84%
LDP60A360-C140B
36V
24-36Vdc
2.7V
1400mA
43Vdc
50.5W
88%
LDP60A480-C125BR
48V
9-48Vdc
0.48V
86%
LDP60A480-C125B
48V
32-48Vdc
4.8V
1250mA
56Vdc
60.0W
90%
LDP60A480-C105BR
48V
9-48Vdc
0.48V
85%
LDP60A480-C105B
48V
32-48Vdc
4.8V
1050mA
56Vdc
50.4W
89%
V1
1250mA
29Vdc
30.0W
LDP60B240-C125BR
24V
9-24Vdc
0.24V
V2
1250mA
29Vdc
30.0W
85%
V1
1050mA
29Vdc
25.2W
LDP60B240-C105BR
24V
9-24Vdc
0.24V
V2
1050mA
29Vdc
25.2W
84%
V1
833mA
43Vdc
30W
LDP60B360-C083BR
36V
9-36Vdc
0.36V
V2
833mA
43Vdc
30W
85%
V1
700mA
43Vdc
25.2W
LDP60B360-C070BR
36V
9-36Vdc
0.36V
V2
700mA
43Vdc
25.2W
84%
V1
625mA
56Vdc
30W
LDP60B480-C062BR
48V
9-48Vdc
0.48V
V2
625mA
56Vdc
30W
87%


Similar Part No. - LDP60

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP60A ANOVA-LDP60A Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP60A LUGUANG-LDP60A Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Anova Technologies CO.,...
LDP60CA ANOVA-LDP60CA Datasheet
331Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP60CA LUGUANG-LDP60CA Datasheet
881Kb / 3P
Automotive Protection Axial Lead Transient Voltage Suppressors
More results

Similar Description - LDP60

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
45W Single Output LED Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
30W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
30W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
100W Single Output LED Power Supply
HLG-60H-C MEANWELL-HLG-60H-C Datasheet
727Kb / 6P
70W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
25W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com