Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDP60 Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # LDP60
Description  60WATT OUTPUT LED POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

LDP60 Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  LDP60 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation LDP60 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation LDP60 Datasheet HTML 3Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V19
3
Mechanical Specification
Single output
10.709[272.00]
10.315[262.00]
11.811[300.00]±0.787[20.00]
UL 2464 16AWG+22AWG
0.787[20.00]
0.394[10.00]
11.811[300.00]±0.787[20.00]
UL 2464 18AWG
ACN(White)
ACL(Black)
(Dimming Optional)
-Vo(Black)
+Vo(Red)
D+(Blue)
D-(White)
0.394[10.00]
UNIT:inches(mm)
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches(mm)
11.102[282.00]
Dual Output
10.709[272.00]
10.315[262.00]
11.811[300.00]±0.787[20.00]
UL 2464 16AWG+22AWG
0.787[20.00]
0.394[10.00]
11.811[300.00]±0.787[20.00]
UL 2464 18AWG
11.811[300.00]±0.787[20.00]
UL 2464 16AWG
1.575[1.56.00]
(Dimming Optional)
-Vo(Black)
+Vo(Red)
D+(Blue)
D-(White)
0.394[10.00]
-Vo(Black)
+Vo(Red)
ACN(White)
ACL(Black)
φ0.138[3.50]x3PL
UNIT:inches(mm)
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches(mm)
WIRE CONNECTION
COLOR
NO
DIMMING
PWM
DIMMING
DALI
DIMMING
BLUE
(N.A.)
D+
DA
WHITE
(N.A.)
D-
DA
RED
+VO
+VO
+VO
BLACK
-VO
-VO
-VO
All specifications are Typical at nominal line , full load and 25˚C unless otherwise noted



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com