Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDM Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # PDM
Description  PWM Dimming Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

PDM Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  PDM Datasheet HTML 1Page - CINCON ELECTRONICS Corporation PDM Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V11
1
PDM
PWM Dimming Module
Features
* For DALI Systems
* PWM Mode Output
* Suitable for Constant-Voltage LED Modules
* Over Current Protection
* DALI Dimming 1-100%
Specification
INPUT SPECIFICATIONS
Input Voltage Range: 10
– 50Vdc
Input Current: 5A max.
OUTPUT SPECIFICATIONS
Output Voltage: Output < Input Voltage
Output Current Range: 0.35
– 5A
Short Circuit Protection: Latch
GENERAL SPECIFICATIONS
PWM Frequency: 1KHz
Dimming Range: 1-100%
Operating Temperature: -20
– 50˚C
SAFETY AND EMISSIONS
Meet IEC 62386-101, 102, 207
Meet IEC 55015 class B
MECHANICAL CHARACTERISTICS
Case Material: SABIC 940(f1)
Dimensions: 52.1x34.0x16.4mm
Weight: 36g
*DALI LED driver extension must be used with power supply with current limiting of max 5A and proper short circuit
protection.


Similar Part No. - PDM

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PDM DDK-PDM Datasheet
960Kb / 4P
Push-on Lock Type Coaxial Connector for Semi-rigid/Semi-flexible Cable
logo
Merrimac Industries, In...
PDM-02S-4G MERRIMAC-PDM-02S-4G Datasheet
65Kb / 1P
0 POWER DIVIDERS/ COMBINERS
PDM-02S-9G MERRIMAC-PDM-02S-9G Datasheet
65Kb / 1P
0 POWER DIVIDERS/ COMBINERS
logo
Gamewell-FCI by Honeywe...
PDM-16 GAMEWELL-FCI-PDM-16 Datasheet
116Kb / 2P
Serial annunciator driver module, main driver with 16-outputs
logo
Merrimac Industries, In...
PDM-20-10 MERRIMAC-PDM-20-10 Datasheet
66Kb / 1P
0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDM

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM3720 SGMICRO-SGM3720 Datasheet
319Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
SGM3736 SGMICRO-SGM3736 Datasheet
326Kb / 12P
PWM Dimming, 38V Step-Up LED Driver
logo
Diodes Incorporated
AL1791 DIODES-AL1791 Datasheet
948Kb / 18P
Analog and PWM Dimming
Rev 3
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
PWM dimming control
logo
STMicroelectronics
STEVAL-ILL039V2 STMICROELECTRONICS-STEVAL-ILL039V2 Datasheet
208Kb / 4P
Dimming mode with external PWM signal
08-Nov-2011
logo
Shenzhen Huazhimei Semi...
HM7157 HMSEMI-HM7157 Datasheet
587Kb / 8P
PWM interface for stepless dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
LP3351 POWER-LP3351 Datasheet
325Kb / 7P
PWM Dimming Control for LED Driver
logo
Shenzhen Huazhimei Semi...
HM7138 HMSEMI-HM7138 Datasheet
375Kb / 7P
PWM dimming LED constant current driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com