Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2201 Datasheet(PDF) 2 Page - PREMA Semiconductor.

Part # PR2201
Description  High Voltage Operational Amplifiers PR2201 and PR2202
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR2201 Datasheet(HTML) 2 Page - PREMA Semiconductor.

  PR2201 Datasheet HTML 1Page - PREMA Semiconductor. PR2201 Datasheet HTML 2Page - PREMA Semiconductor. PR2201 Datasheet HTML 3Page - PREMA Semiconductor. PR2201 Datasheet HTML 4Page - PREMA Semiconductor. PR2201 Datasheet HTML 5Page - PREMA Semiconductor. PR2201 Datasheet HTML 6Page - PREMA Semiconductor. PR2201 Datasheet HTML 7Page - PREMA Semiconductor. PR2201 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
High Voltage OpAmp PR2201 / PR2202
Properties
ELECTRICAL CHARACTERISTICS
VCC – VEE = 80 V, TA = 25°C, unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage VCC - VEE
80
[V]
Quiescent current
PR2201
PR2202
VOUT = (VCC – VEE) / 2, IOUT = 0
per channel
500
700
[µA]
Common mode input voltage
VEE + 1.5 V
VCC - 2.0 V
Differential mode input voltage
VIN+ - VIN-
-60
+60
[V]
Output voltage
VEE + 1.0 V
VCC - 1.0 V
Output current
VOUT = VEE + 2 V ... VCC - 2 V
5
6
[mA]
Input bias current
±5
±100
[pA]
Common mode rejection ratio
90
120
[dB]
Supply voltage rejection ratio
85
110
[dB]
Input offset
±2
±10
[mV]
Slew rate low => high
RL = 500 Ohm; G = 1
0.8
[V/µs]
Slew rate high => low
RL = 500 Ohm; G = 1
1.2
[V/µs]
Gain bandwidth product
RL = 10 kOhm
1.0
[MHz]
Open loop gain
n/a
[dB]
Junction temperature
-20
125
[°C]
Overtemperature shutdown
140
[°C]
Thermal resistance
ΘJA
SOIC 8L package; still air,
free convection
160
[°C/W]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com