Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2201 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR2201
Description  High Voltage Operational Amplifiers PR2201 and PR2202
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR2201 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR2201 Datasheet HTML 1Page - PREMA Semiconductor. PR2201 Datasheet HTML 2Page - PREMA Semiconductor. PR2201 Datasheet HTML 3Page - PREMA Semiconductor. PR2201 Datasheet HTML 4Page - PREMA Semiconductor. PR2201 Datasheet HTML 5Page - PREMA Semiconductor. PR2201 Datasheet HTML 6Page - PREMA Semiconductor. PR2201 Datasheet HTML 7Page - PREMA Semiconductor. PR2201 Datasheet HTML 8Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Voltage OpAmp PR2201 / PR2202
High Voltage Operational Amplifiers PR2201 and PR2202
PR2201 is a monolithic high-voltage operational
amplifier with JFET input stage and NPN/PNP
output stage. The wide common mode input
range and the large differential input voltage
range allow to measure large signals close to
the supply lines. A low quiescent current keeps
the heat dissipation low. PR2202 is a dual
operational amplifier based on PR2201.
FEATURES
• Supply voltage up to 80 V or ±40 V
• Wide common mode input range
• Near rail-to-rail output
• JFET input stage with very low input bias
current
• Output current up to 6 mA
• Gain bandwidth product >1 Mhz
• Low quiescent current
• Overtemperature shutdown
• Offset compensation by external trimming
(only PR2201)
PIN DESCRIPTIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
VCC -VEE (not permanent)
-0.3
90
[V]
In+, In-
Vee
Vcc
[V]
Storage Temperature Range
-55
150
[°C]
Electrostatic Discharge (ESD) Protection
1
[kV]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 1/8


Similar Part No. - PR2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR2202S ETC2-PR2202S Datasheet
201Kb / 1P
SINGLE COLOR LED
logo
Rectron Semiconductor
PR220A RECTRON-PR220A Datasheet
172Kb / 3P
SIDACTOR
More results

Similar Description - PR2201

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
Texas Instruments
3580 TI1-3580 Datasheet
2Mb / 6P
High Voltage OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com