Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS85 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LS85
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS85 Datasheet(HTML) 1 Page - ON Semiconductor

  74LS85 Datasheet HTML 1Page - ON Semiconductor 74LS85 Datasheet HTML 2Page - ON Semiconductor 74LS85 Datasheet HTML 3Page - ON Semiconductor 74LS85 Datasheet HTML 4Page - ON Semiconductor 74LS85 Datasheet HTML 5Page - ON Semiconductor 74LS85 Datasheet HTML 6Page - ON Semiconductor 74LS85 Datasheet HTML 7Page - ON Semiconductor 74LS85 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 6
1
Publication Order Number:
SN74LS85/D
SN74LS85
4-Bit Magnitude
Comparator
The SN74LS85 is a 4-Bit Magnitude Camparator which compares
two 4-bit words (A, B), each word having four Parallel Inputs
(A0 –A3, B0 –B3); A3, B3 being the most significant inputs. Operation
is not restricted to binary codes, the device will work with any
monotonic code. Three Outputs are provided: “A greater than B”
(OA>B), “A less than B” (OA<B), “A equal to B” (OA=B). Three
Expander Inputs, IA>B, IA<B, IA=B, allow cascading without external
gates. For proper compare operation, the Expander Inputs to the least
significant position must be connected as follows: IA<B= IA>B = L,
IA=B = H. For serial (ripple) expansion, the OA>B, OA<B and OA=B
Outputs are connected respectively to the IA>B, IA<B, and IA=B
Inputs of the next most significant comparator, as shown in Figure 1.
Refer to Applications section of data sheet for high speed method of
comparing large words.
The Truth Table on the following page describes the operation of the
SN74LS85 under all possible logic conditions. The upper 11 lines
describe the normal operation under all conditions that will occur in a
single device or in a series expansion scheme. The lower five lines
describe the operation under abnormal conditions on the cascading
inputs. These conditions occur when the parallel expansion technique
is used.
• Easily Expandable
• Binary or BCD Comparison
• O
A>B, OA<B, and OA=B Outputs Available
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS85N
16 Pin DIP
2000 Units/Box
SN74LS85D
16 Pin
SOIC
D SUFFIX
CASE 751B
http://onsemi.com
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1


Similar Part No. - 74LS85

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LS85 FAIRCHILD-74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
logo
SYC Electronica
74LS85 SYC-74LS85 Datasheet
258Kb / 7P
4-Bit Magnitude Comparator
More results

Similar Description - 74LS85

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS04 ONSEMI-SN74LS04 Datasheet
72Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS08 ONSEMI-SN74LS08 Datasheet
75Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS109A ONSEMI-SN74LS109A Datasheet
96Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS138 ONSEMI-SN74LS138 Datasheet
124Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS174 ONSEMI-SN74LS174 Datasheet
104Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS195A ONSEMI-SN74LS195A Datasheet
137Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS257B ONSEMI-SN74LS257B Datasheet
118Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS260 ONSEMI-SN74LS260 Datasheet
76Kb / 4P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
SN74LS273 ONSEMI-SN74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com