Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS85 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS85
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS85 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS85 Datasheet HTML 1Page - ON Semiconductor 74LS85 Datasheet HTML 2Page - ON Semiconductor 74LS85 Datasheet HTML 3Page - ON Semiconductor 74LS85 Datasheet HTML 4Page - ON Semiconductor 74LS85 Datasheet HTML 5Page - ON Semiconductor 74LS85 Datasheet HTML 6Page - ON Semiconductor 74LS85 Datasheet HTML 7Page - ON Semiconductor 74LS85 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS85
http://onsemi.com
5
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
A < B, A > B
Other Inputs
20
60
µA
VCC = MAX, VIN = 2.7 V
IH
A < B, A > B
Other Inputs
0.1
0.3
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
A < B, A > B
Other Inputs
– 0.4
– 1.2
mA
VCC = MAX, VIN = 0.4 V
IOS
Output Short Circuit Current (Note 1)
–20
–100
mA
VCC = MAX
ICC
Power Supply Current
20
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C, VCC = 5.0 V)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Any A or B to A < B, A > B
24
20
36
30
ns
tPLH
tPHL
Any A or B to A = B
27
23
45
45
ns
tPLH
tPHL
A < B or A = B to A > B
14
11
22
17
ns
VCC = 5.0 V
CL = 15 pF
tPLH
tPHL
A = B to A = B
13
13
20
26
ns
tPLH
tPHL
A > B or A = B to A < B
14
11
22
17
ns
AC WAVEFORMS
Figure 3.
Figure 4.
VIN
VOUT
1.3 V
tPHL
1.3 V
1.3 V
1.3 V
tPLH
VIN
VOUT
1.3 V
tPHL
1.3 V
1.3 V
1.3 V
tPLH



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com