Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTNUMBER Datasheet(PDF) 1 Page - HALO Electronics, Inc.

Part # PARTNUMBER
Description  13W, 3.3Vout, Power Transformers Power Over Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

PARTNUMBER Datasheet(HTML) 1 Page - HALO Electronics, Inc.

  PARTNUMBER Datasheet HTML 1Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 2Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 3Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 4Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HALO Electronics • 2880 Lakeside Drive, Suite 116 • Santa Clara, CA 95054 • PH: 650-903-3800
www.haloelectronics.com • info@haloelectronics.com • This Datasheet: poe-power-transformers.pdf Rev. 9/12
13W, 3.3Vout, Power Transformers (EFD15)
Power Over Ethernet, DC/DC Converter
HALO Electronics offers a broad line of power transformers designed for fly-back DC/DC
converters used in Power over Ethernet (PoE) applications. These industrial temperature
range transformers are UL recognized and are fully compliant to IEEE802.3af require-
ments for isolation and power ratings. This standard series is LEAD-free and RoHS
compliant. Please contact your nearest HALO representative for custom designs.
TurnsRatio
DCR(mΩmax) PRIOCL PRILL PKG/
IC
PartNumber
PRI:BIAS:SEC:DRVPRI/BIAS/SEC/DRV(µH±10%) (µHMax)SCHE. P/N
TGP13-S004EFD15LF
1:0.208:0.083
520/400/10
145
5
A LTC4267
TGP13-S008EFD15LF
1: 0.500:0.167
150/400/10
33
1
A
LM5072
TGP13-S012EFD15LF 1:0.500:0.150:0.275
520/760/20/400
160
2
B TPS23750
Electrical Specifications @ 25 °C
Isolation Voltage (PRI – SEC):
1,500Vrms
Operating Temp:
-40 to +85 °C
MECHANICALDIMENSIONS
SCHEMATICA
SCHEMATICB
DIMENSIONS: Inch [mm]
TOLERANCES: 0.006 inch if not specified
PACKAGEA
PACKAGEB


Similar Part No. - PARTNUMBER

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
Partnumber MACOM-Partnumber Datasheet
645Kb / 6P
HF3 Relay
logo
Ohmite Mfg. Co.
PartNumber OHMITE-PartNumber Datasheet
273Kb / 1P
Nichrome resistive element
logo
HALO Electronics, Inc.
PARTNUMBER HALO-PARTNUMBER Datasheet
505Kb / 2P
8P/8C Tab-Down Shielded RJ45 Ethernet Connectors
logo
Texas Instruments
PARTNUMBER00 TI1-PARTNUMBER00 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
PARTNUMBER01 TI1-PARTNUMBER01 Datasheet
504Kb / 31P
3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - PARTNUMBER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
Power-Over-Ethernet Module
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
Power-Over-Ethernet Module
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
Power-Over-Ethernet Module
AG9000-S ETC2-AG9000-S Datasheet
299Kb / 14P
Power-Over-Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
Power Over Ethernet (PoE)
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
Power over Ethernet Module
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
PoE(Power over Ethernet)
logo
XP Power Limited
POE XPPOWER-POE Datasheet
164Kb / 2P
Power Over Ethernet Compatible
logo
TT Electronics.
HM110 TTELEC-HM110 Datasheet
738Kb / 3P
High Frequency Surface Mount Power Over Ethernet Transformers
logo
Silver Telecom 2019
AG9700 SILVERTEL-AG9700 Datasheet
519Kb / 22P
Power-Over-Ethernet Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com