Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PARTNUMBER Datasheet(PDF) 2 Page - HALO Electronics, Inc.

Part # PARTNUMBER
Description  13W, 3.3Vout, Power Transformers Power Over Ethernet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HALO [HALO Electronics, Inc.]
Direct Link  https://www.haloelectronics.com/
Logo HALO - HALO Electronics, Inc.

PARTNUMBER Datasheet(HTML) 2 Page - HALO Electronics, Inc.

  PARTNUMBER Datasheet HTML 1Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 2Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 3Page - HALO Electronics, Inc. PARTNUMBER Datasheet HTML 4Page - HALO Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HALO Electronics • 2880 Lakeside Drive, Suite 116 • Santa Clara, CA 95054 • PH: 650-903-3800
www.haloelectronics.com • info@haloelectronics.com • This Datasheet: poe-power-transformers.pdf Rev. 9/12
13W, 3.3 Vout, Power Transformers (EP13)
Power Over Ethernet, DC/DC Converter
HALO Electronics offers a broad line of power transformers designed for fly-back DC/DC
converters used in Power over Ethernet (PoE) applications. These industrial temperature
range transformers are UL recognized and are fully compliant to IEEE802.3af require-
ments for isolation and power ratings. This standard series is LEAD-free and RoHS
compliant. Please contact your nearest HALO representative for custom designs.
TurnsRatio
DCR(mΩmax) PRIOCL PRILL
IC
PartNumber
PRI:AUX:SEC:DRV PRI/AUX/SEC/DRV (µH±10%) (µHMax) SCHE. P/N
TGP13-S003EP13LF
1:0.208:0.083
500/400/15
145
5
A LTC4267
TGP13-S007EP13LF
1: 0.500:0.167
100/400/12
33
1
A LM5072
TGP13-S011EP13LF 1:0.500:0.150:0.275
450/700/30/400
160
3
B TPS23750
Electrical Specifications @ 25 °C
Isolation Voltage (PRI – SEC):
1,500Vrms
Operating Temp:
-40 to +85 °C
MECHANICALDIMENSIONS
SCHEMATICA
SCHEMATICB
DIMENSIONS: Inch [mm]
TOLERANCES: 0.006 inch if not specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com