Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2944 Datasheet(PDF) 2 Page - Microchip Technology

Part # VRF2944
Description  RF POWER VERTICAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2944 Datasheet(HTML) 2 Page - Microchip Technology

  VRF2944 Datasheet HTML 1Page - Microchip Technology VRF2944 Datasheet HTML 2Page - Microchip Technology VRF2944 Datasheet HTML 3Page - Microchip Technology VRF2944 Datasheet HTML 4Page - Microchip Technology VRF2944 Datasheet HTML 5Page - Microchip Technology VRF2944 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VRF2944(MP)
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ISS
Input Capacitance
V
GS = 0V
1050
pF
C
oss
Output Capacitance
V
DS = 50V
520
C
rss
Reverse Transfer Capacitance
f = 1MHz
62
Functional Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
G
PS
f
1 = 30MHz, VDD = 50V, IDQ = 250mA, Pout = 400W
23
25
dB
η
D
f
1 = 30MHz, VDD = 50V, IDQ = 250mA, Pout = 400W
50
%
ψ
f = 30MHz, V
DD = 50V, IDQ = 250mA, Pout = 400W CW
70:1 VSWR - All Phase Angles, 0.2mSec X 20% Duty Factor
No Degradation in Output Power
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
0
20
40
60
80
100
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
1
10
100
500
1
10
100
500
10
100
1000
0 10 20 30 40 50 60 70 80 90 100
10,000
C
iss
VDS(ON), DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 1, Output Characteristics
T
J= 125°C
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 3, Capacitance vs Drain-to-Source Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
FIGURE 4, Forward Safe Operating Area
5.0V
4.5V
VGS, GATE-TO-SOURCE VOLTAGE (V)
FIGURE 2, Transfer Characteristics
250µs PULSE
TEST<0.5 % DUTY
CYCLE
T
J= -55°C
T
J= 25°C
C
oss
C
rss
Rds(on)
PD Max
TJ = 125°C
TC = 75°C
Typical Performance Curves
I
DMax
4V
5.5V
6.0V
6.5V
7.0V
8.0V
100μs
1ms
10ms
DC line



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com