Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2944 Datasheet(PDF) 3 Page - Microchip Technology

Part # VRF2944
Description  RF POWER VERTICAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2944 Datasheet(HTML) 3 Page - Microchip Technology

  VRF2944 Datasheet HTML 1Page - Microchip Technology VRF2944 Datasheet HTML 2Page - Microchip Technology VRF2944 Datasheet HTML 3Page - Microchip Technology VRF2944 Datasheet HTML 4Page - Microchip Technology VRF2944 Datasheet HTML 5Page - Microchip Technology VRF2944 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
0.05
0.10
0.15
0.20
0.25
10-5
10-4
10-3
10-2
10
1.0
-1
VRF2944(MP)
Peak T J = P DM x Z θJC + TC
Duty Factor D =
t1/t2
t2
t1
Note:
t1 = Pulse Duration
RECTANGULAR PULSE DURATION (seconds)
Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
90
100
0
100
200 300
400
500 600 700
P
IN, INPUT POWER (WATTS PEP)
Figure 6. P
OUT versus PIN
P
OUT, OUTPUT POWER (WATTS PEP)
Figure 7. EFFICIENCY versus P
IN
50V
40V
Freq=30MHz
Freq=30MHz
0.3
D = 0.9
0.7
SINGLE PULSE
0.5
0.1
0.05
50V
40V
FIGURE 5b, TRANSIENT THERMAL IMPEDANCE MODEL
.0052
Dissipated Power
(Watts)
T
J ( C)
T
C ( C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
.0408
.0981
.071
.0016
.0030
.0133
.0366
20
21
22
23
24
25
26
0
100
200 600 400
500
600
700
P
OUT, OUTPUT POWER (WATTS PEP)
Figure 7. GAIN versus P
OUT
60V
50V
Freq=30MHz
60V
60V
40V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com