Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2944MP Datasheet(PDF) 4 Page - Microchip Technology

Part # VRF2944MP
Description  RF POWER VERTICAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2944MP Datasheet(HTML) 4 Page - Microchip Technology

  VRF2944MP Datasheet HTML 1Page - Microchip Technology VRF2944MP Datasheet HTML 2Page - Microchip Technology VRF2944MP Datasheet HTML 3Page - Microchip Technology VRF2944MP Datasheet HTML 4Page - Microchip Technology VRF2944MP Datasheet HTML 5Page - Microchip Technology VRF2944MP Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
30 MHz Test Circuit
VRF2944(MP)
Table 1 - Typical Class AB Large Signal Input - Output Impedance
I
dq = 100mA
Z
OL - Conjugate of optimum load for 400 Watts output at Vdd=150V
Freq. (MHz)
Z
in
Z
out
30
4.5 - j 2.5
2.15 - j 2.71
L1
Output
C3
C11
C12
C10
C6
C7
C8
C9
C1 1200pF ATC100B ceramic
C2, C3 0.1uF 100V 1206 SMT
C9-C11 .047uF NPO 100V 1218 SMT
C6 180 pF metal clad mica
C7 ARCO 465 mica trimmer
C8 100 pF ATC 100E ceramic
C4, C12 10uF 100V Electrolytic
L1 25 nH - 2t #18 0.2"d .2"l
L2 26 nH - 1.5t #12 0.31"d2
L3 2t #16 on 2x 267300081 .5" bead
T1 16:1 transforner 4t #24 teflon on
T2 9:1 transformer 3t 2-ply #16 teflon on
RF Parts Co. T1 transformer core
30 MHz Test Circuit
Vbias
R1
R2
L2
RF
Input
C2
T1
C1
R3
L3
T2
+
50V
C4
+
VRF2944



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com