Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRF2944MP Datasheet(PDF) 5 Page - Microchip Technology

Part # VRF2944MP
Description  RF POWER VERTICAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VRF2944MP Datasheet(HTML) 5 Page - Microchip Technology

  VRF2944MP Datasheet HTML 1Page - Microchip Technology VRF2944MP Datasheet HTML 2Page - Microchip Technology VRF2944MP Datasheet HTML 3Page - Microchip Technology VRF2944MP Datasheet HTML 4Page - Microchip Technology VRF2944MP Datasheet HTML 5Page - Microchip Technology VRF2944MP Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VRF2944(MP)
PIN 1 - DRAIN
PIN 2 - GATE
PIN 3 - SOURCE
PIN 4 - SOURCE
PIN 5 - SOURCE
M177 (0.63 dia. SOE) Mechanical Data
All dimensions are ±.005
DIM
MIN
TYP
MAX
A
0.225
0.230
0.235
B
0.265
0.270
0.275
C
0.860
0.865
0.870
D
1.130
1.135
1.140
E
0.545
0.550
0.555
F
0.003
0.005
0.007
G
0.098
0.103
0.108
H
0.150
0.160
0.170
I
0.280
J
1.080
1.100
1.120
K
0.625
0.630
0.635
F
E
G
H
I
A
B
C
D
OK
J
.125d nom
.135 r
Seating Plane
1
4
2
3
5
Adding MP at the end of P/N specifies a matched pair where V
GS(TH) is matched between the two parts. VTH values
are marked on the devices per the following table.
Code
Vth Range
Code 2
Vth Range
A
2.900 - 2.975
M
3.650 - 3.725
B
2.975 - 3.050
N
3.725 - 3.800
C
3.050 - 3.125
P
3.800 - 3.875
D
3.125 - 3.200
R
3.875 - 3.950
E
3.200 - 3.275
S
3.950 - 4.025
F
3.275 - 3.350
T
4.025 - 4.100
G
3.350 - 3.425
W
4.100 - 4.175
H
3.425 - 3.500
X
4.175 - 4.250
J
3.500 - 3.575
Y
4.250 - 4.325
K
3.575 - 3.650
Z
4.325 - 4.400
V
TH values are based on Microsemi measurements at datasheet conditions with an accuracy of 1.0%.
HAZARDOUS MATERIAL WARNING: The ceramic portion of the device below the lead plane is beryllium oxide. Beryllium oxide dust is highly toxic when
inhaled. Care must be taken during handling and mounting to avoid damage to this area. These devices must never be thrown away with general industrial or
domestic waste. BeO substrate weight: 0.703g. Percentage of total module weight which is BeO: 9%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com