Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6307 Datasheet(PDF) 40 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 40 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 36Page - VIA Technologies, Inc. VT6307 Datasheet HTML 37Page - VIA Technologies, Inc. VT6307 Datasheet HTML 38Page - VIA Technologies, Inc. VT6307 Datasheet HTML 39Page - VIA Technologies, Inc. VT6307 Datasheet HTML 40Page - VIA Technologies, Inc. VT6307 Datasheet HTML 41Page - VIA Technologies, Inc. VT6307 Datasheet HTML 42Page - VIA Technologies, Inc. VT6307 Datasheet HTML 43Page - VIA Technologies, Inc. VT6307 Datasheet HTML 44Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-34-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Isochronous Transmit Context Registers
Offset 200 (Set), 204 (Clr) – Isoch Xmit Context 0 ........ RW
Offset 210 (Set), 214 (Clr) – Isoch Xmit Context 1 ........ RW
Offset 220 (Set), 224 (Clr) – Isoch Xmit Context 2 ........ RW
Offset 230 (Set), 234 (Clr) – Isoch Xmit Context 3 ........ RW
Offset 240 (Set), 244 (Clr) – Isoch Xmit Context 4 ........ RW
Offset 250 (Set), 254 (Clr) – Isoch Xmit Context 5 ........ RW
Offset 260 (Set), 264 (Clr) – Isoch Xmit Context 6 ........ RW
Offset 270 (Set), 274 (Clr) – Isoch Xmit Context 7 ........ RW
These
registers
are
the
Context
Control registers for
isochronous Transmit Contexts 0-7. Each context consists of
two registers:
a Command Pointer and a Context Control
register. The Command Pointer is used by software to tell the
controller where the context program begins.
The Context
Control register controls the context’s behavior and indicates
current status. The bit layout for the Context Control registers
is given below:
31-30 Reserved
........................................ always reads 0
29
Cycle Match Enable
In general, when set to one the context will begin
running only when the 13-bit “Cycle Match” field
matches the 13-bit “Cycle Count” in the Cycle Start
packet. The effects of this bit however are impacted
by the values of other bits in this register. Once the
context
becomes
active,
this
bit
is
cleared
automatically by the chip.
28-16 Cycle Match
Contains a 13-bit value corresponding to the 13-bit
“Cycle Count” field. If the “Cycle Match Enable” bit
is set, this ITDMA context will become enabled for
transmits when the bus cycle time “Cycle Count”
value equals the value in this field.
15
Run
This bit is set and cleared by software to enable
descriptor processing for a context.
The chip will
clear this bit automatically on a hardware or software
reset. Before software sets this bit, the active bit must
be clear and the Command Pointer register for the
context must contain a valid descriptor block address
and a Z value that is appropriate for the descriptor
block address.
Software may stop the chip from further processing of
a context by clearing this bit. When cleared, the chip
will stop processing of the context in a manner that
will not impact the operation of any other context or
DMA controller.
This may require a significant
amount of time. If software clears a run bit while the
chip is processing a packet for the context, it will
continue to receive or transmit the packet and update
the descriptor status.
It will then stop at the
conclusion of that packet.
Clearing the bit may have other side effects that are
DMA controller dependent. This is described in the
sections that cover each of the DMA controllers.
14-13 Reserved
........................................ always reads 0
12
Wake
..............................................default = 0
When software adds to a list of descriptors for a
context, the chip may have already read the descriptor
that was at the end of the list before it was updated.
This bit provides a semaphore to indicate that the list
may have changed.
If the chip had fetched a descriptor and the indicated
branch address had a Z value of zero, it will reread
the pointer value when the wake bit is set. If, on the
reread, the Z value is still zero, then the end of the list
has been reached and the chip will clear the active bit.
If, however, the Z value is now non-zero, the chip
will continue processing. If the wake bit is set while
the chip is active and has a Z value of non-zero, it
takes no special action.
The chip will clear this bit before it reads or rereads a
descriptor. The wake bit should not be set while the
run bit is zero.
11
Dead
..............................................default = 0
This bit is set by the chip to indicate a fatal error in
processing a descriptor. When set, the active bit is
cleared. This bit is cleared when software clears the
run bit or on a hardware or software reset.
10
Active
..............................................default = 0
This bit is set by the chip when software sets the run
bit or sets the wake bit while the run bit is set. The
chip will clear this bit:
1)
when a branch is indicated by a descriptor but
the Z value of the branch address is 0
2)
when software clears the run bit and the chip
has reached a safe stopping point
3)
while the dead bit is set
4)
after a hardware or software reset
When this bit is cleared and the run bit is clear, the
chip will set the Interrupt Event bit for the context.
9-5
Reserved
........................................always reads 0
4-0
Ack / Err Code ..........................................default = 0
Following an “Output Last” command, the received
“Ack Code” or “Event Error Code” is indicated in
this field.
Possible values are:
“Ack Complete”,
“Ack Pending”, Ack Busy X”, “Ack Data Error”,
“Ack Type Error”, “Event Tcode Error”, “Event
Missing Ack”, “Event Underrun”, “Event Descriptor
Read”, “Event Data Read”, “Event Timeout”, “Event
Flushed”, and “Event Unknown” (see “Table 6.
Packet Event Codes” on the previous page for
descriptions and values for these codes).
Offset 20C – Isoch Xmit Context 0 Command Ptr ......... RW
Offset 21C – Isoch Xmit Context 1 Command Ptr ......... RW
Offset 22C – Isoch Xmit Context 2 Command Ptr ......... RW
Offset 23C – Isoch Xmit Context 3 Command Ptr ......... RW
Offset 24C – Isoch Xmit Context 4 Command Ptr ......... RW
Offset 25C – Isoch Xmit Context 5 Command Ptr ......... RW
Offset 26C – Isoch Xmit Context 6 Command Ptr ......... RW
Offset 27C – Isoch Xmit Context 7 Command Ptr ......... RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com