Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6307 Datasheet(PDF) 42 Page - VIA Technologies, Inc.

Part # VT6307
Description  PCI 1394a-2000 Integrated Host Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6307 Datasheet(HTML) 42 Page - VIA Technologies, Inc.

Back Button VT6307 Datasheet HTML 38Page - VIA Technologies, Inc. VT6307 Datasheet HTML 39Page - VIA Technologies, Inc. VT6307 Datasheet HTML 40Page - VIA Technologies, Inc. VT6307 Datasheet HTML 41Page - VIA Technologies, Inc. VT6307 Datasheet HTML 42Page - VIA Technologies, Inc. VT6307 Datasheet HTML 43Page - VIA Technologies, Inc. VT6307 Datasheet HTML 44Page - VIA Technologies, Inc. VT6307 Datasheet HTML 45Page - VIA Technologies, Inc. VT6307 Datasheet HTML 46Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
VT6307 PCI 1394a Host Controller
Revision 1.2 October 1, 2002
-36-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
10
Active
.............................................. default = 0
This bit is set by the chip when software sets the run
bit or sets the wake bit while the run bit is set. The
chip will clear this bit:
1)
When a branch is indicated by a descriptor but
the Z value of the branch address is 0
2)
When software clears the run bit and the chip
has reached a safe stopping point
3)
While the dead bit is set
4)
After a hardware or software reset
When this bit is cleared and the run bit is clear, the
chip will set the Interrupt Event bit for the context.
9-7
Reserved
........................................ always reads 0
6-5
Speed
This field indicates the speed at which the packet was
received or transmitted:
00 100 Mbits/sec
01 200 Mbits/sec
10 400 Mbits/sec
11 -reserved-
4-0
Ack / Err Code.......................................... default = 0
Following an “Input” command, this field contains
the error code.
For “Buffer Fill” mode, possible values are: “Ack
Complete”, “Ack Data Error”, “Event Overrun”,
“Event Descriptor Read”, “Event Data Write”, and
“Event Unknown” (see “Table 6.
Packet Event
Codes” for descriptions and values for these codes).
For “Packet-Per-Buffer” mode, possible values are:
“Ack Complete”, “Ack Data Error”, “Event Short
Packet”, “Event Long Packet”, “Event Overrun”,
“Event Descriptor Read”, “Event Data Write”, and
“Event Unknown” (see “Table 6.
Packet Event
Codes” for descriptions and values for these codes).
Offset 40C – Isoch Receive Context 0 Command Ptr .... RW
Offset 42C – Isoch Receive Context 1 Command Ptr .... RW
Offset 44C – Isoch Receive Context 2 Command Ptr .... RW
Offset 46C – Isoch Receive Context 3 Command Ptr .... RW
Offset 410 – Isoch Receive Context 0 Match .................. RW
Offset 430 – Isoch Receive Context 1 Match .................. RW
Offset 450 – Isoch Receive Context 2 Match .................. RW
Offset 470 – Isoch Receive Context 3 Match .................. RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com