Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2SA Datasheet(PDF) 12 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 8Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 12Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Table 8. Pin connection
Pin #
Name
Function
Mode “000”
Mode “001”
Mode “100”
Mode “010”
1
ADC2
ADC input 2
2
ADC1
ADC input 1
3
DIO4
GPIO4
UART_RXD
I2C2_CLK
PWM0
4
DIO5
GPIO5
UART_TXD
I2C2_DAT
PWM1
5
VIN
Power Supply
6
ANATEST0/DIO14
GPIO14
I2C1_CLK
SPI_CLK
ADC_DAT
7
DIO7/BOOT (1)
GPIO7
UART_CTS
I2C2_DAT
PDM_CLK
8
GND
Ground
9
DIO6
GPIO6
UART_RTS
I2C2_CLK
PDM_DAT
10
DIO8
GPIO8
UART_TXD
SPI_CLK
PDM_DAT
11
DIO11
GPIO11
UART-RXD
SPI_CS1
12
DIO9
GPIO9
SWCLK
SPI_IN(2)
13
DIO10
GPIO10
SWDIO
SPI_out(3)
14
ANATEST1
Anatest1
15
DIO0
GPIO0
UART_CTS
SPI_CLK
16
DIO2
GPIO2
PWM0
SPI_OUT
PDM_CLK
17
DIO3
GPIO3
PWM1
SPI_IN
ADC_CLK
18
DIO1
GPIO1
UART_RTS
SPI_CS1
PDM_DAT
19
RESETN
Reset
20
DIO12
GPIO12 (4)
I2C1_CLK
21(5)
GND
Ground
22(5)
N.C.
Leave unconnected
23(5)
N.C.
Leave unconnected
1. The pin DIO7/BOOT is monitored by bootloader after power-up or hardware reset and it should be low to prevent unwanted
bootloader activation.
2. The function SPI_IN indicates that the pin is always an input when configured for SPI. Thus in case of SPI master role, it
acts as MISO pin. In case of SPI slave role, this pin act as MOSI
3. The function SPI_OUT indicates that the pin is always an output when configured for SPI. Thus in case of SPI master role, it
acts as MOSI pin. In case of SPI slave role, this pin act as MISO.
4. DI012 can only be general purpose input pins (not output), or I2C1 clock pin.
5. BLUENRG-M2SA only.
BlueNRG-M2
Pin assignment
DS13053 - Rev 2
page 12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com