Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M2SA Datasheet(PDF) 13 Page - STMicroelectronics

Part # BLUENRG-M2SA
Description  Very low power application processor module for Bluetooth® low energy v5.0
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M2SA Datasheet(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-M2SA Datasheet HTML 9Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 10Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 11Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 12Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 13Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 14Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 15Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 16Page - STMicroelectronics BLUENRG-M2SA Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
6
Hardware design
Note:
•
All unused pins should be left floating; do not ground
•
All GND pins must be well grounded
•
The area around the module should be free of any ground planes, power planes, trace routings, or metal
for 6 mm from the module antenna position, in all directions.
•
Traces should not be routed underneath the module
6.1
Reset circuitry
The BlueNRG-M2 module requires an external reset circuitry to ensure proper operation at power-on. Refer to the
"Reset management" section of the BlueNRG-2 datasheet for details.
Figure 6. Reset circuitry
If reset pin is controlled by an external host, RC circuit on the RESETn line is not required.
6.2
Debug interface
The BlueNRG-M2 embeds the ARM serial wire debug (SWD) port. It is two pin (clock and single bi-directional
data) debug interface, providing all the debug functionality plus real time access to system memory without halting
the processor or requiring any target resident code
Table 9. Debug interface
Pin functionality
Module PIN
Pin description
SWCLK
12
SWD clock signal
SWDIO
13
SWD data signal
For more information refer to the BlueNRG-2 technical documentation (https://www.st.com).
BlueNRG-M2
Hardware design
DS13053 - Rev 2
page 13/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com