Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 35Page - Lattice Semiconductor ICE40 Datasheet HTML 36Page - Lattice Semiconductor ICE40 Datasheet HTML 37Page - Lattice Semiconductor ICE40 Datasheet HTML 38Page - Lattice Semiconductor ICE40 Datasheet HTML 39Page - Lattice Semiconductor ICE40 Datasheet HTML 40Page - Lattice Semiconductor ICE40 Datasheet HTML 41Page - Lattice Semiconductor ICE40 Datasheet HTML 42Page - Lattice Semiconductor ICE40 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
FPGA-DS-02029-3.5
39
Signal Name
I/O
Description
VCC_SPI
—
SPI interface voltage supply input. Must have a valid voltage even if
configuring from NVCM.
SPI_SCK
I/O
Input Configuration Clock for configuring an FPGA in Slave SPI mode.
Output Configuration Clock for configuring an FPGA configuration modes.
SPI_SS
I/O
SPI Slave Select. Active Low. Includes an internal weak pull-up resistor to
VCC_SPI during configuration. During configuration, the logic level sampled
on this pin determines the configuration mode used by the iCE40 LP/HX
device. An input when sampled at the start of configuration. An input when
in SPI Peripheral configuration mode (SPI_SS = Low). An output when in
Master SPI Flash configuration mode.
SPI_SI
I/O
Slave SPI serial data input and master SPI serial data output
SPI_SO
I/O
Slave SPI serial data output and master SPI serial data input
VPP_FAST
—
Optional fast NVCM programming supply. VPP_FAST, used only for fast
production programming, must be left floating or unconnected in
applications, except CM36 and CM49 packages MUST have the VPP_FAST
ball connected to VCCIO_0 ball externally.
VPP_2V5
—
VPP_2V5 NVCM programming and operating supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com