Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE40 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # ICE40
Description  iCE40 LP/HX Family
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ICE40 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button ICE40 Datasheet HTML 20Page - Lattice Semiconductor ICE40 Datasheet HTML 21Page - Lattice Semiconductor ICE40 Datasheet HTML 22Page - Lattice Semiconductor ICE40 Datasheet HTML 23Page - Lattice Semiconductor ICE40 Datasheet HTML 24Page - Lattice Semiconductor ICE40 Datasheet HTML 25Page - Lattice Semiconductor ICE40 Datasheet HTML 26Page - Lattice Semiconductor ICE40 Datasheet HTML 27Page - Lattice Semiconductor ICE40 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
iCE40 LP/HX Family
Data Sheet
© 2011-2018 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal.
All other brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
24
FPGA-DS-02029-3.5
4.12. Peak Startup Supply Current – HX Devices
Table 4.11. Peak Startup Supply Current – HX Devices
Symbol
Parameter
Device
Max
Units
ICCPEAK
Core Power Supply
iCE40HX1K
6.9
mA
iCE40HX4K
22.3
mA
iCE40HX8K
22.3
mA
ICCPLLPEAK*
PLL Power Supply
iCE40HX1K
1.8
mA
iCE40HX4K
6.4
mA
iCE40HX8K
6.4
mA
IPP_2V5PEAK
NVCM Power Supply
iCE40HX1K
2.8
mA
iCE40HX4K
4.1
mA
iCE40HX8K
4.1
mA
ICCIOPEAK, ICC_SPIPEAK
Bank Power Supply
iCE40HX1K
6.8
mA
iCE40HX4K
6.8
mA
iCE40HX8K
6.8
mA
*Note: VCCPLL is tied to VCC internally in packages without PLLs pins.
4.13. sysI/O Recommended Operating Conditions
Table 4.12. sysI/O Recommended Operating Conditions
Input/Output Standard
VCCIO (V)
Min.
Typ.
Max.
LVCMOS 3.3
3.14
3.3
3.46
LVCMOS 2.5
2.37
2.5
2.62
LVCMOS 1.8
1.71
1.8
1.89
LVDS25E1, 2
2.37
2.5
2.62
subLVDSE1, 2
1.71
1.8
1.89
Notes:
1.
Inputs on-chip. Outputs are implemented with the addition of external resistors.
2.
Does not apply to Configuration Bank VCC_SPI.
4.14. sysI/O Single-Ended DC Electrical Characteristics
Table 4.13. sysI/O Single-Ended DC Electrical Characteristics
Input/Output
Standard
VIL
VIH1
VOL Max.
(V)
VOH Min.
(V)
IOL Max.
(mA)
IOH Max.
(mA)
Min. (V)
Max. (V)
Min. (V)
Max. (V)
LVCMOS 3.3
–0.3
0.8
2.0
VCCIO + 0.2 V
0.4
VCCIO – 0.4
8, 16
2, 242
–8, –16
2,
–24
2
0.2
VCCIO – 0.2
0.1
–0.1
LVCMOS 2.5
–0.3
0.7
1.7
VCCIO + 0.2 V
0.4
VCCIO – 0.4
6, 12
2, 182
–6, –12
2,
–18
2
0.2
VCCIO – 0.2
0.1
–0.1
LVCMOS 1.8
–0.3
0.35VCCIO
0.65VCCIO
VCCIO + 0.2 V
0.4
VCCIO – 0.4
4, 8
2, 122
–4, –8
2, –
12
2
0.2
VCCIO – 0.2
0.1
–0.1
Notes:
1.
Some products are clamped to a diode when VIN is larger than VCCIO.
2.
Only for High Drive LED outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com