Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4366
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LTC4368
11
Rev. B
For more information www.analog.com
The external resistive divider allows the user to select
an input supply range that is compatible with the load
at VOUT. Furthermore, the UV and OV inputs have very
low leakage currents (typically < 1nA at 100°C), allow-
ing for large values in the external resistive divider. In
the application of Figure 4, the load is connected to the
supply only if VIN lies between 3.5V and 18V. In the event
that VIN goes above 18V or below 3.5V, the gate of the
external N-channel MOSFET is immediately discharged
with a 60mA current sink, thus isolating the load from
the supply.
Figure 5 shows the timing associated with the UV pin.
Once a UV fault propagates through the UV comparator
(tFAULT), the FAULT output is asserted low and a 60mA
current sink discharges the GATE pin. As VOUT falls, the
GATE pin tracks VOUT.
Figure 6 shows the timing associated with the OV pin.
Once an OV fault propagates through the OV comparator
(tFAULT), the FAULT output is asserted low and a 60mA
current sink discharges the GATE pin. As VOUT falls, the
GATE pin tracks VOUT.
APPLICATIONS INFORMATION
VIN
12V
UVTH = 3.5V
OVTH = 18V
4368 F04
DISCHARGE GATE
WITH 60mA SINK
LTC4368
OV
COMPARATOR
UV
COMPARATOR
R3
1820k
UV
0.5V
0.5V
OV
R2
243k
R1
59k
–
+
25mV
25mV
Figure 4. UV, OV Comparators Monitor 12V Supply
As VOUT ramps up from 0V, the absolute value of the GATE
voltage remains fixed until VOUT is greater than the lower
of (VIN – 1V) or 5V. Once VOUT crosses this threshold,
gate drive begins to increase up to a maximum of 13.1V.
The curves of Figure 3 were taken with a GATE load of
–1µA. If there were no DC load on GATE, the gate drive
for each VIN would be slightly higher.
Note that when VIN is at the lower end of the operating
range, the external N-channel MOSFET must be selected
with a correspondingly lower threshold voltage.
Overvoltage and Undervoltage Protection
The LTC4368 provides two accurate comparators to moni-
tor for overvoltage (OV) and undervoltage (UV) conditions
at VIN. If the input supply rises above the user adjust-
able OV threshold, the gates of the external MOSFETs
are quickly turned off, thus disconnecting the load from
the input. Similarly, if the input supply falls below the
user adjustable UV threshold, the gates of the external
MOSFETs are quickly turned off. Figure 4 shows a UV/OV
application for an input supply of 12V.
4368 F05
FAULT
GATE
tFAULT
tD(FAST)
VUV
VUV + VUVHYST
tD(ON)
EXTERNAL N-CHANNEL MOSFETS
TURN OFF
UV
Figure 5. UV Timing (OV < (VOV – VOVHYST), SHDN > 1.2V)
4368 F06
tFAULT
tD(FAST)
VOV
VOV – VOVHYST
tD(ON)
EXTERNAL N-CHANNEL MOSFET
TURNS OFF
OV
FAULT
GATE
Figure 6. OV Timing (UV > (VUV + VUVHYST), SHDN > 1.2V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com