Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4366
Description  100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices LTC4366 Datasheet HTML 15Page - Analog Devices LTC4366 Datasheet HTML 16Page - Analog Devices LTC4366 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC4368
13
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Since the MOSFET acts like a source follower, the slew
rate at VOUT equals the slew rate at GATE. Therefore, the
inrush current due to the capacitance on VOUT is given by:
IINRUSH =
COUT
CGATE
• IGATE(UP)
For example, a 1A inrush current into a 100µF output
capacitance requires a GATE capacitance of (using
IGATE(UP) = 35µA):
CGATE =
35µA • COUT
IINRUSH
CGATE =
35µA • 100µF
1A
= 3.5nF
The 3.3nF CGATE capacitor in the application circuit of
Figure 7 limits the inrush current to just over 1A. RGATE
prevents CGATE from slowing down the reverse polarity
protection circuits. It also stabilizes the fast pull-down
circuits and prevents chatter during fault conditions. Set
RGATE to 22k for most applications.
Forward Overcurrent Fault
Forward overcurrent protection prevents large currents
from flowing from VIN to VOUT. This threshold current is
determined by the external sense resistor (RSENSE) and an
internal comparator (Figure 7, U1) with a 50mV threshold:
IOC,FWD =
50mV
RSENSE
For the example of Figure 7, if 2.5A flows to the output
across the 20mΩ sense resistor, the external MOSFETs
(M1, M2) are immediately (8µs) turned off. This discon-
nects the load from the input supply.
Note that during initial startup, the output capacitance
(COUT) charges from ground to VIN. To prevent this
capacitive inrush current (IINRUSH) from falsely trigger-
ing the forward overcurrent comparator, place an inrush
limiting capacitor (CGATE) on the GATE pin (see Limiting
Inrush Current During Turn On). This inrush current plus
the output current must be less than the desired forward
overcurrent threshold:
IOC,FWD > IINRUSH + IOUT
For the example of Figure 7, the 3.3nF GATE capacitor
and the 100µF output capacitor limit the inrush current
(IINRUSH) to approximately 1A. This means that the output
current (IOUT) must be less than 1.5A during turn on in
order to avoid a forward overcurrent fault during turn on.
Once VOUT has ramped to its final value, the output cur-
rent is limited to 2.5A.
Once a forward overcurrent fault is triggered, there are
two application choices for turning the external MOSFETs
back on:
1. Automatically restart by placing an external capaci-
tor on the RETRY pin. An internal cool-down timer
will charge/discharge this capacitor 31 times with
a 5.5ms/nF total delay. At the end of this delay, the
external MOSFETs are turned back on, thus reconnect-
ing the load to the input supply. The 0.22µF capaci-
tor (CRETRY) in the application of Figure 7 yields a
1200ms cool-down timer delay. Note that the adjust-
able cool-down period provides the user with a means
of keeping the external MOSFETs within the rated SOA
(safe operating area). See Figure 8 timing diagram.
Figure 7. Overcurrent Comparators Monitor 2.5A/–0.15A
Current Faults
VIN
24V
IOUT < 2.5A
IOUT
FDS3992
100V DUAL
COUT
100µF
+
RETRY
4368 F07
VOUT
LTC4368-2
SENSE
CRETRY
0.22µF
SHDN
GATE
2.5A
–0.15A
RSENSE
0.02
CGATE
3.3nF
INRUSH
CONTROL:
~1A
RGATE
22k
VIN
M2
M1
TURN MOSFETS
BACK ON
TURN MOSFETS
BACK ON AFTER
31 CYCLES
TURN OFF
MOSFETS
START
TIMER
OC FORWARD TIMER/LATCH
RESET FORWARD
OC LATCH
+
–
+
–
3mV
+
–
100mV
50mV
VIN
VOUT
31 CYCLES
U1
U2
U3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com