Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32040C Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 9Page - Texas Instruments TLC32040C Datasheet HTML 10Page - Texas Instruments TLC32040C Datasheet HTML 11Page - Texas Instruments TLC32040C Datasheet HTML 12Page - Texas Instruments TLC32040C Datasheet HTML 13Page - Texas Instruments TLC32040C Datasheet HTML 14Page - Texas Instruments TLC32040C Datasheet HTML 15Page - Texas Instruments TLC32040C Datasheet HTML 16Page - Texas Instruments TLC32040C Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power-up sequence
To ensure proper operation of the AIC, and as a safeguard against latch-up, it is recommended that a Schottky
diode with a forward voltage less than or equal to 0.4 V be connected from VCC– to ANLG GND (see Figure 17).
In the absence of such a diode, power should be applied in the following sequence: ANLG GND and DGTL GND,
VCC–, then VCC+ and VDD. Also, no input signal should be applied until after power up.
AIC responses to improper conditions
The AIC has provisions for responding to improper conditions. These improper conditions and the response of
the AIC to these conditions are presented in Table 1 below.
AIC register constraints
The following constraints are placed on the contents of the AIC registers:
1. TA register must be
≥ 4 in word mode (WORD/BYTE = high).
2. TA register must be
≥ 5 in byte mode (WORD/BYTE = low).
3. TA’ register can be either positive, negative, or zero.
4. RA register must be
≥ 4 in word mode (WORD/BYTE = high).
5. RA register must be
≥ 5 in byte mode (WORD/BYTE = low).
6. RA’ register can be either positive, negative, or zero.
7. (TA register
± TA’ register) must be > 1.
8. (RA register
± RA’ register) must be > 1.
9. TB register must be > 1.
Table 1. AIC Responses To Improper Conditions
IMPROPER CONDITIONS
AIC RESPONSE
TA register + TA’ register = 0 or 1
TA register – TA’ register = 0 or 1
Reprogram TX counter A with TA register value
TA register + TA’ register < 0
MODULO 64 arithmetic is used to ensure that a positive value is loaded into the TX counter A, i.e., TA
register + TA’ register + 40 hex is loaded into TX counter A.
RA register + RA’ register = 0 or 1
RA register – RA’ register = 0 or 1
Reprogram RX counter A with RA register value
RA register + RA’ register = 0 or 1
MODULO 64 arithmetic is used to ensure that a positive value is loaded into RX counter A, i.e., RA
register + RA’ register + 40 hex is loaded into RX counter A.
TA register = 0 or 1
RA register = 0 or 1
The AIC is shut down.
TA register < 4 in word mode
TA register < 5 in byte mode
RA register < 4 in word mode
RA register < 5 in byte mode
The AIC serial port no longer operates.
TB register = 0 or 1
Reprogram TB register with 24 hex
RB register = 0 or 1
Reprogram RB register with 24 hex
AIC and DSP cannot communicate
Hold last DAC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com