Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32040C Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 17Page - Texas Instruments TLC32040C Datasheet HTML 18Page - Texas Instruments TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments TLC32040C Datasheet HTML 24Page - Texas Instruments TLC32040C Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
A/D channel signal-to-distortion ratio
PARAMETER
TEST CONDITIONS
Av = 1†
Av = 2†
Av = 4†
UNIT
PARAMETER
(see Note 7)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VI = – 6 dB to – 0.1 dB
58
>58§
>58§
VI = – 12 dB to – 6 dB
58
58
>58§
VI = – 18 dB to – 12 dB
56
58
58
VI = – 24 dB to – 18 dB
50
56
58
A/D channel signal-to-distortion ratio
VI = – 30 dB to – 24 dB
44
50
56
dB
VI = – 36 dB to – 30 dB
38
44
50
VI = – 42 dB to – 36 dB
32
38
44
VI = – 48 dB to – 42 dB
26
32
38
VI = – 54 dB to – 48 dB
20
26
32
D/A channel signal-to-distortion ratio
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
PARAMETER
(see Note 7)
MIN
MAX
UNIT
VI = – 6 dB to 0 dB
58
VI = – 12 dB to – 6 dB
58
VI = – 18 dB to – 12 dB
56
VI = – 24 dB to – 18 dB
50
D/A channel signal-to-distortion ratio
VI = – 30 dB to – 24 dB
44
dB
VI = – 36 dB to – 30 dB
38
VI = – 42 dB to – 36 dB
32
VI = – 48 dB to – 42 dB
26
VI = – 54 dB to – 48 dB
20
gain and dynamic range
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Absolute transmit gain tracking error
while transmitting into 600
Ω
– 48-dB to 0-dB signal range,
See Note 8
±0.05 ±0.15
dB
Absolute receive gain tracking error
– 48-dB to 0-dB signal range,
See Note 8
±0.05 ±0.15
dB
Absolute gain of the A/D channel
Signal input is a – 0.5-dB,
1-kHz sinewave
0.2
dB
Absolute gain of the D/A channel
Signal input is a 0-dB,
1-kHz sinewave
– 0.3
dB
power supply rejection and crosstalk attenuation
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VCC + or VCC – supply voltage
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV p-p
30
dB
CC +
CC
yg
rejection ratio, receive channel
f = 30 kHz to 50 kHz
,y
g
measured at DR (ADC output)
45
dB
VCC + or VCC – supply voltage
rejection ratio transmit channel
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV p-p
30
dB
rejection ratio, transmit channel
(single ended)
f = 30 kHz to 50 kHz
,y
g
measured at OUT +
45
dB
Crosswalk attenuation, transmit-to-receive (single ended)
80
dB
† Av is the programmable gain of the input amplifier.
‡ All typical values are at TA = 25°C.
§ A value > 58 is overrange and signal clipping occurs.
NOTES:
7. The test condition Vin is a 1-kHz input signal with an 8-kHz conversion rate (0 dB relative to Vref). The load impedance for the DAC
is 600
Ω.
8. Gain tracking is relative to the absolute gain at 1 kHz and 0 dB (0 dB relative to Vref).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com