Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL081CD Datasheet(PDF) 2 Page - ON Semiconductor

Part # TL081CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL081CD Datasheet(HTML) 2 Page - ON Semiconductor

  TL081CD Datasheet HTML 1Page - ON Semiconductor TL081CD Datasheet HTML 2Page - ON Semiconductor TL081CD Datasheet HTML 3Page - ON Semiconductor TL081CD Datasheet HTML 4Page - ON Semiconductor TL081CD Datasheet HTML 5Page - ON Semiconductor TL081CD Datasheet HTML 6Page - ON Semiconductor TL081CD Datasheet HTML 7Page - ON Semiconductor TL081CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
18
V
VEE
–18
Differential Input Voltage
VID
±30
V
Input Voltage Range (Note 1)
VIDR
±15
V
Output Short Circuit Duration (Note 2)
tSC
Continuous
Power Dissipation
Plastic Package (N, P)
PD
680
mW
Derate above TA = +47°C
1/
θJA
10
mW/
°C
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
–65 to +150
°C
NOTES: 1. The magnitude of the input voltage must not exceed the magnitude of the supply voltage or
15 V, whichever is less.
2. The output may be shorted to ground or either supply. Temperature and/or supply voltages
must be limited to ensure that power dissipation ratings are not exceeded.
3. ESD data available upon request.
ELECTRICAL CHARACTERISTICS (VCC = 15 V, VEE = –15 V, TA = Tlow to Thigh [Note 1].)
Characteristics
Symbol
Min
Typ
Max
Unit
Input Offset Voltage (RS ≤ 10 k, VCM = 0)
VIO
mV
TL081C, TL082C
–
–
20
TL084C
–
–
20
TL08_AC
–
–
7.5
Input Offset Current (VCM = 0) (Note 2)
IIO
nA
TL08_C
–
–
5.0
TL08_AC
–
–
3.0
Input Bias Current (VCM = 0) (Note 2)
IIB
nA
TL08_C
–
–
10
TL08_AC
–
–
7.0
Large–Signal Voltage Gain (VO= ±10 V,RL ≥ 2.0 k)
AVOL
V/mV
TL08_C
15
–
–
TL08_AC
25
–
–
Output Voltage Swing (Peak–to–Peak)
VO
V
(RL ≥ 10 k)
24
–
–
(RL ≥ 2.0 k)
20
–
–
NOTES: 1. Tlow =0°C for TL081AC,C
Thigh =70°C for TL081AC
0
°C for TL082AC,C
+70
°C for TL082AC,C
0
°C for TL084AC,C
+70
°C for TL084AC,C
2. Input Bias currents of JFET input op amps approximately double for every 10
°C rise in Junction Temperature as shown in Figure 3. To maintain
junction temperature as close to ambient temperature as possible, pulse techniques must be used during testing.
Figure 1. Unity Gain Voltage Follower
Figure 2. Inverting Gain of 10 Amplifier
–
+
Vin
RL = 2.0 k
VO
CL = 100 pF
–
+
Vin
RL
VO
CL = 100 pF
10 k
1.0 k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com