Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL081CD Datasheet(PDF) 4 Page - ON Semiconductor

Part # TL081CD
Description  JFET INPUT OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL081CD Datasheet(HTML) 4 Page - ON Semiconductor

  TL081CD Datasheet HTML 1Page - ON Semiconductor TL081CD Datasheet HTML 2Page - ON Semiconductor TL081CD Datasheet HTML 3Page - ON Semiconductor TL081CD Datasheet HTML 4Page - ON Semiconductor TL081CD Datasheet HTML 5Page - ON Semiconductor TL081CD Datasheet HTML 6Page - ON Semiconductor TL081CD Datasheet HTML 7Page - ON Semiconductor TL081CD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TL081C,AC TL082C,AC TL084C,AC
4
MOTOROLA ANALOG IC DEVICE DATA
VCC/VEE = ±15 V
(See Figure 2)
RL = 10 k
RL = 2.0 k
Figure 3. Input Bias Current
versus Temperature
Figure 4. Output Voltage Swing
versus Frequency
Figure 5. Output Voltage Swing
versus Load Resistance
Figure 6. Output Voltage Swing
versus Supply Voltage
Figure 7. Output Voltage Swing
versus Temperature
Figure 8. Supply Current per Amplifier
versus Temperature
TA, AMBIENT TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VCC/VEE = ±15 V
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
RL, LOAD RESISTANCE (kΩ)
0.1
0.2
0.4
0.7 1.0
2.0
10
4.0
7.0
VCC, |VEE| , SUPPLY VOLTAGE (±V)
0
5.0
10
15
20
RL = 2.0 k
TA = 25°C
TA, AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VCC/VEE = ±15 V
TA = 25°C
(See Figure 2)
0.6
100
10
1.0
0.1
0.01
30
25
20
15
10
5.0
0
30
20
10
5.0
0
40
30
20
10
0
35
30
25
20
15
10
5.0
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.4
0.2
0
VCC/VEE = ±15 V
±10 V
±5.0 V
RL = 2.0 k
TA = 25°C
(See Figure 2)
VCC/VEE = ±15 V
–100
150
35
40
40
–75
–75



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com