Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MESS84 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # MESS84
Description  P-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MESS84 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  MESS84 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P-Channel 60 V (D-S) MOSFET
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
High-Side Switching
• Low On-Resistance: 3
•
Low Threshold: - 2 V (typ.)
•
Fast Swtiching Speed: 20 ns (typ.)
•
Low Input Capacitance: 20 pF (typ.)
•
Compliant to RoHS Directive 2002/95/EC
Notes:
a. Surface mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()VGS(th) (V)
ID (mA)
- 60
3 at VGS = - 10 V
- 1 to - 3
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Currenta
TA = 25 °C
ID
- 500
mA
TA = 100 °C
- 350
Pulsed Drain Currentb
IDM
-1500
Power Dissipationa
TA = 25 °C
PD
460
mW
TA = 100 °C
240
Maximum Junction-to-Ambienta
RthJA
350
°C/W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
G
TO-236
(SOT-23)
S
D
2
3
1
S
G
D
P-Channel MOSFET
-500
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MESS84
1


Similar Part No. - MESS84

ManufacturerPart #DatasheetDescription
logo
RFE international
MES RFE-MES Datasheet
1Mb / 8P
Miniature Metallized Polyester Film Capacitor MES Series: Self Healing, Wide Voltage Range
22-SEP-2023
logo
PATLITE CORPORATION.
MES-102A PATLITE-MES-102A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-202A PATLITE-MES-202A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-302A PATLITE-MES-302A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
MES-402A PATLITE-MES-402A Datasheet
515Kb / 2P
LED Signal Light
Rev. H
More results

Similar Description - MESS84

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com