Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MESS84 Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # MESS84
Description  P-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

MESS84 Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  MESS84 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd MESS84 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0.0
0.2
0.4
0.6
0.8
1.0
012345
VDS - Drain-to-Source Voltage (V)
VGS = 10 V
3 V
2 V
4 V
5 V
V
0
3
9
12
15
0
200
400
600
800
1000
ID - Drain Current (mA)
VGS = 4.5 V
VGS = 10 V
VGS = 5 V
0
3
6
9
12
15
0.0
0.3
0.6
0.9
1.2
1.5
1.8
ID = 500 mA
Qg - Total Gate Charge (nC)
VDS = 30 V
VDS = 48 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
300
600
900
1200
0246
8
10
VGS - Gate-to-Source Voltage (V)
TJ = - 55 °C
125 °C
25 °C
0
8
16
24
32
40
0
5
10
15
20
25
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VGS = 0 V
0.0
0.3
0.6
0.9
1.2
1.5
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V at 500 mA
VGS = 4.5 V at 25 mA
6
6
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
MESS84
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com